Electronic Components Datasheet Search
  English  ▼

X  

CMLM0574 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMLM0574
Description  SURFACE MOUNT SILICON N-CHANNEL MOSFET AND LOW VF SCHOTTKY DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLM0574 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMLM0574 Datasheet HTML 1Page - Central Semiconductor Corp CMLM0574 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMLM0574
Multi Discrete Module™
SURFACE MOUNT SILICON
N-CHANNEL MOSFET AND
LOW VF SCHOTTKY DIODE
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMLM0574
is a Multi Discrete Module™ consisting of a single
N-Channel Enhancement-mode MOSFET and a
Low VF Schottky diode packaged in a space saving
PICOmini™ SOT-563 surface mount case. This
device is designed for small signal general purpose
applications where size and operational efficiency are
prime requirements.
MAXIMUM RATINGS - CASE: (TA=25°C)
SYMBOL
UNITS
Power Dissipation (Note 1)
PD
350
mW
Power Dissipation (Note 2)
PD
300
mW
Power Dissipation (Note 3)
PD
150
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
MAXIMUM RATINGS - Q1: (TA=25°C)
SYMBOL
UNITS
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
8.0
V
Continuous Drain Current
ID
450
mA
MAXIMUM RATINGS - D1: (TA=25°C)
SYMBOL
UNITS
Peak Repetitive Reverse Voltage
VRRM
40
V
Continuous Forward Current
IF
500
mA
Peak Repetitive Forward Current, tp
≤1.0ms
IFRM
3.5
A
Peak Forward Surge Current, tp = 8.0ms
IFSM
10
A
ELECTRICAL CHARACTERISTICS - Q1: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IGSSF, IGSSR
VGS=8.0V, VDS=0
3.0
μA
IDSS
VDS=30V, VGS=0
1.0
μA
BVDSS
VGS=0, ID=10μA
30
V
VGS(th)
VDS=VGS, ID=250μA
0.5
1.0
V
VSD
VGS=0, IS=400mA
0.5
1.1
V
rDS(ON)
VGS=4.5V, ID=200mA
280
460
mΩ
rDS(ON)
VGS=2.5V, ID=100mA
390
560
mΩ
rDS(ON)
VGS=1.8V, ID=75mA
550
730
mΩ
gFS
VDS =10V, ID=100mA
200
mS
FEATURES:
• ESD protection up to 2kV
• Low rDS(on) Transistor (560mΩ MAX @ VGS=2.5V)
• Low VF Schottky Diode (0.47V MAX @ 0.5A)
APPLICATIONS:
• DC / DC Converters
• Battery Powered Portable Equipment
Notes:
(1) Ceramic or aluminum core PC Board with copper mounting pad area of 4.0mm2
(2) FR-4 Epoxy PC Board with copper mounting pad area of 4.0mm2
(3) FR-4 Epoxy PC Board with copper mounting pad area of 1.4mm2
MARKING CODE: 57C
SOT-563 CASE
R1 (16-August 2010)
www.centr a lsemi.com
• Device is Halogen Free by design


Similar Part No. - CMLM0574

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLM0574 CENTRAL-CMLM0574_15 Datasheet
526Kb / 3P
SCHOTTKY DIODE
More results

Similar Description - CMLM0574

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLM0205 CENTRAL-CMLM0205 Datasheet
107Kb / 2P
MULTI DISCRETE MODULE??SURFACE MOUNT N-CHANNEL MOSFET AND LOW VF SILICON SCHOTTKY DIODE
CMLM0205 CENTRAL-CMLM0205_10 Datasheet
588Kb / 2P
SURFACE MOUNT N-CHANNEL MOSFET AND LOW VF SILICON SCHOTTKY DIODE
CMLM8205 CENTRAL-CMLM8205 Datasheet
589Kb / 2P
SURFACE MOUNT P-CHANNEL MOSFET AND LOW VF SILICON SCHOTTKY DIODE
CMLM0305 CENTRAL-CMLM0305 Datasheet
592Kb / 2P
SURFACE MOUNT N-CHANNEL MOSFET AND LOW VF SILICON SCHOTTKY DIODE
CMLM0305T CENTRAL-CMLM0305T Datasheet
591Kb / 2P
SURFACE MOUNT N-CHANNEL MOSFET AND LOW VF SILICON SCHOTTKY DIODE
CMLM0584 CENTRAL-CMLM0584 Datasheet
663Kb / 2P
SURFACE MOUNT SILICON P-CHANNEL MOSFET AND LOW VF SCHOTTKY DIODE
CMLM0575 CENTRAL-CMLM0575 Datasheet
590Kb / 2P
SURFACE MOUNT SILICON N-CHANNEL MOSFET AND LOW VF SCHOTTKY DIODE
CMLM0585 CENTRAL-CMLM0585 Datasheet
661Kb / 2P
SURFACE MOUNT SILICON P-CHANNEL MOSFET AND LOW VF SCHOTTKY DIODE
CTLM7110-M832D CENTRAL-CTLM7110-M832D Datasheet
539Kb / 2P
SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET AND LOW VF SILICON SCHOTTKY RECTIFIER
CMGSH1-3 CENTRAL-CMGSH1-3 Datasheet
423Kb / 2P
Surface Mount Low VF SILICON SCHOTTKY DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com