Electronic Components Datasheet Search
  English  ▼

X  

EMSA180100 Datasheet(PDF) 1 Page - CUI INC

Part # EMSA180100
Description  SWITCHING POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

EMSA180100 Datasheet(HTML) 1 Page - CUI INC

  EMSA180100 Datasheet HTML 1Page - CUI INC EMSA180100 Datasheet HTML 2Page - CUI INC EMSA180100 Datasheet HTML 3Page - CUI INC EMSA180100 Datasheet HTML 4Page - CUI INC EMSA180100 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
a division of CUI INC
date
page
SERIES:
DESCRIPTION:
01/2011
1 of 5
SWITCHING POWER SUPPLY
EMSA 18W
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2382 www.v-infinity.com
FEATURES
•universal AC input
•regulated output voltage
•short circuit protection
•meets EISA / efficiency level V regulations
•custom designs available
MODEL
output voltage
output current
output wattage
ripple*
efficiency level
cord length
nominal
(V dc)
min
(A)
max
(A)
max
(W)
max.
(mVp-p)
(mm)
EMSA050300
5
0
3.0
15
150
V
1530 ±100
EMSA060300
6
0
3.0
18
150
V
1530 ±100
EMSA090200
9
0
2.0
18
150
V
1530 ±100
EMSA120150
12
0
1.5
18
150
V
1530 ±100
EMSA150120
15
0
1.2
18
150
V
1530 ±100
EMSA180100
18
0
1.0
18
180
V
1530 ±100
EMSA200090
20
0
0.9
18
200
V
1530 ±100
EMSA240075
24
0
0.75
18
240
V
1530 ±100
PART NUMBER KEY
*at full load, 100 ~ 240 V ac input, measured at 20MHz bandwidth with a 10 uF electrolytic cap and a 0.1 uF ceramic cap on the output
RoHS
EMSA120150 X - XX - SZ - CXX
DC Plug type:
see output plug options
on page 4
Factory
Designation
Base Number
example of 12 V dc, 1.5 A
Reserved for custom
configurations
Blades:
“blank” = North American, European, United Kingdom,
Australian, and China blades included
N = North American blade included
E = European blade included
B = United Kingdom blade included
A = Australian blade included
C = China blade included


Similar Part No. - EMSA180100

ManufacturerPart #DatasheetDescription
logo
CUI INC
EMSA180100 CUI-EMSA180100 Datasheet
251Kb / 5P
SWITCHING POWER SUPPLY
EMSA180100 CUI-EMSA180100 Datasheet
291Kb / 5P
AC-DC POWER SUPPLY
EMSA180100 CUI-EMSA180100 Datasheet
661Kb / 5P
AC-DC POWER SUPPLY
More results

Similar Description - EMSA180100

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP065-AAB SPI-FSP065-AAB Datasheet
115Kb / 7P
Switching Power Supply
FSP090-1ADC21 SPI-FSP090-1ADC21 Datasheet
130Kb / 7P
Switching Power Supply
logo
CUI INC
EMSA18W CUI-EMSA18W Datasheet
251Kb / 5P
SWITCHING POWER SUPPLY
EPSA120200U CUI-EPSA120200U Datasheet
241Kb / 5P
SWITCHING POWER SUPPLY
EPSA050120UB CUI-EPSA050120UB Datasheet
204Kb / 4P
SWITCHING POWER SUPPLY
EPSA050250U_1009 CUI-EPSA050250U_1009 Datasheet
238Kb / 4P
SWITCHING POWER SUPPLY
EPSA050250UB CUI-EPSA050250UB Datasheet
203Kb / 4P
SWITCHING POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE Datasheet
196Kb / 4P
SWITCHING POWER SUPPLY
EPSA120150UB CUI-EPSA120150UB Datasheet
201Kb / 4P
SWITCHING POWER SUPPLY
logo
Sangdest Microelectroni...
SDURD320 SMC-SDURD320 Datasheet
187Kb / 5P
Switching Power Supply
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com