Electronic Components Datasheet Search
  English  ▼

X  

LB1999 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1999
Description  Three-Phase Brushless Motor Driver for VCR Capstan Motors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1999 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1999 Datasheet HTML 1Page - Sanyo Semicon Device LB1999 Datasheet HTML 2Page - Sanyo Semicon Device LB1999 Datasheet HTML 3Page - Sanyo Semicon Device LB1999 Datasheet HTML 4Page - Sanyo Semicon Device LB1999 Datasheet HTML 5Page - Sanyo Semicon Device LB1999 Datasheet HTML 6Page - Sanyo Semicon Device LB1999 Datasheet HTML 7Page - Sanyo Semicon Device LB1999 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Specifications
Absolute Maximum Ratings at Ta = 25°C
Allowable Operating Ranges at Ta = 25°C
Electrical Characteristics at Ta = 25°C, VCC = 5 V, VS = 15 V
Notes : 1. The torque ripple correction ratio is determined as follows from the Rf voltage waveform.
Continued on next page.
2. Parameters that are indicated as design target values in the conditions column are not tested.
No. 5975-2/8
LB1999M
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
7
V
VS max
24
V
Maximum output current
IO max
1.3
A
Allowable power dissipation
Pd max
Independent device
0.95
W
Operating temperature
Topr
–20 to + 75
°C
Storage temperature
Tstg
–55 to + 150
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VS
5 to 22
V
VCC
4.5 to 5.5
V
Hall input amplitude
VHALL
Between the Hall inputs
±30 to ±80
mVo-p
GSENSE pin input range
VGSENSE
With respect to the control system ground
–0.20 to + 0.20
V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
VCC supply current
ICC
RL =
∞, VCTL = 0 V (Quiescent)
12
18
mA
[Outputs]
VOsat1
IO = 500 mA, Rf = 0.5 Ω, Sink + Source
2.1
2.6
V
Output saturation voltage
VCTL = VLIM = 5 V (With saturation prevention)
VOsat2
IO = 1.0 A, Rf = 0.5 Ω, Sink + Source
2.6
3.5
V
VCTL = VLIM = 5 V (With saturation prevention)
Output leakage current
IOleak
1.0
mA
[FR]
FR pin input threshold voltage
VFSR
2.25
2.50
2.75
V
FR pin input bias current
IB (FSR)
–5.0
µA
[Control]
CTLREF pin voltage
VCREF
2.37
2.50
2.63
V
CTLREF pin input range
VCREFIN
1.7
3.50
V
CTL pin input bias current
IB (CTL)
With VCTL = 5 V and the CTLREF pin open
8.0
µA
CTL pin control start voltage
VCTL (ST)
With Rf = 0.5
Ω, VLIM = 5 V, IO ≥ 10 mA,
2.20
2.35
2.50
V
Hall input logic fixed (U, V, W = H, H, L)
CTL pin control switching voltage
VCTL (ST2) With Rf = 0.5 Ω, VLIM = 5 V
3.00
3.15
3.30
V
CTL pin control Gm1
Gm (CTL)
With Rf = 0.5
Ω, ∆IO = 200 mA,
0.52
0.65
0.78
A/V
Hall input logic fixed (U, V, W = H, H, L)
CTL pin control Gm2
Gm2 (CTL)
With Rf = 0.5
Ω, ∆VCTL = 200 mV,
1.20
1.50
1.80
A/V
Hall input logic fixed (U, V, W = H, H, L)
[Current Limiter]
LIM current limit offset voltage
Voff (LIM)
With Rf = 0.5
Ω, VCTL = 5 V, IO ≥ 10 mA,
140
200
260
mV
Hall input logic fixed (U, V, W = H, H, L)
LIM pin input bias current
IB (LIM)
With VCTL = 5 V and the VCREF pin open,
VLIM = 0 V
–2.5
µA
LIM pin current control level
ILIM
With Rf = 0.5
Ω, VCTL = 5 V, VLIM = 2.06 V,
830
900
970
mA
Hall input logic fixed (U, V, W = H, H, L)
[Hall Amplifier]
Hall amplifier input offset voltage
Voff (HALL)
–6
+6
mV
Hall amplifier input bias current
IB (HALL)
1.0
3.0
µA
Hall amplifier common-mode input voltage range
VCM (HALL)
1.3
3.3
V
For the high and low peaks in the Rf waveform
Torque ripple correction ratio
TRC
when IO = 200 mA.
9
%
(Rf = 0.5
Ω)*1
[FG Amplifier]
FG amplifier input offset voltage
Voff (FG)
–8
+8
mV
FG amplifier input bias current
IB (FG)
–100
nA
FG amplifier output saturation voltage
VOsat (FG)
Sink side, for the load provided by the internal
0.5
0.6
V
pull-up resistor
FG bias voltage
VFGBI
2.4
2.5
2.6
V
FG amplifier common-mode input voltage
VGM (FG)
0.5
4.0
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com