Electronic Components Datasheet Search
  English  ▼

X  

PS151 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PS151
Description  PLASTIC SILICON RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PS151 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PS151 Datasheet HTML 1Page - Pan Jit International Inc. PS151 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
STAD-FEB.27.2009
1
PS150~PS1510
FEATURES
• Plastic package has Underwriters Laboratories
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound.
• Exceeds environmental standards of MIL-S-19500/228
• Low leakage.
• In compliance with EU RoHS 2002/95/EC directives
MECHANICALDATA
• Case: Molded plastic, DO-15
• Terminals: Axial leads, solderable to MIL-STD-750,Method 2026
• Polarity: Color Band denotes cathode end
• Mounting Position: Any
• Weight: 0.014 ounce, 0.397 gram
PLASTIC SILICON RECTIFIER
NOTES: 1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC
2. Thermal resistance from junction to ambient and from junction to lead length 0.375"(9.5mm) P.C.B. mounted
.034(.86)
.140(3.6)
.028(.71)
.104(2.6)
DO-15
Unit: inch(mm)
VOLTAGE
50 to 1000 Volts
CURRENT
1.5 Amperes
MAXIMUM RATINGSAND ELECTRICALCHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Resistive or inductive load, 60Hz, Single phase, half wave,
For capacitive load, derate current by 20%
R
E
T
E
M
A
R
A
PL
O
B
M
Y
S0
5
1
S
P1
5
1
S
P2
5
1
S
P4
5
1
S
P6
5
1
S
P8
5
1
S
P0
1
5
1
S
PS
T
I
N
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
t
n
e
r
r
u
c
e
R
m
u
m
i
x
a
MV
M
R
R
0
50
0
10
0
20
0
40
0
60
0
80
0
0
1V
e
g
a
t
l
o
V
S
M
R
m
u
m
i
x
a
MV
S
M
R
5
30
70
4
10
8
20
2
40
6
50
0
7V
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
m
u
m
i
x
a
MV
C
D
0
50
0
10
0
20
0
40
0
60
0
80
0
0
1V
)
m
m
5
.
9
(
"
5
7
3
.
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
i
x
a
M
T
t
a
h
t
g
n
e
l
d
a
e
l
A
0
6
=
O C
I
(
F)
V
A
5
.
1A
e
v
a
w
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
:
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
)
d
o
h
t
e
m
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s
I
M
S
F
0
5A
A
5
.
1
t
a
e
g
a
t
l
o
V
d
r
a
w
r
o
F
m
u
m
i
x
a
MV
F
1
.
1V
T
t
n
e
r
r
u
C
e
s
r
e
v
e
R
C
D
m
u
m
i
x
a
M
J
5
2
=
O C
T
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
d
e
t
a
R
t
a
J
0
0
1
=
O C
I
R
0
.
5
0
0
5
µA
)
1
e
t
o
N
(
e
c
n
a
t
i
c
a
p
a
c
n
o
i
t
c
n
u
J
l
a
c
i
p
y
TC
J
5
2F
p
)
2
e
t
o
N
(
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
l
a
c
i
p
y
T
Rθ
A
J
Rθ
L
J
5
4
8
2
O
W
/
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
OT
J T
,
G
T
S
0
5
1
+
o
t
5
5
-
O C


Similar Part No. - PS151

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PS151 PANJIT-PS151 Datasheet
44Kb / 2P
PLASTIC SILICON RECTIFIER(VOLTAGE 50 to 1000 Volts CURRENT - 1.5 Amperes)
PS151 PANJIT-PS151 Datasheet
72Kb / 2P
PLASTIC SILICON RECTIFIER
PS1510 PANJIT-PS1510 Datasheet
44Kb / 2P
PLASTIC SILICON RECTIFIER(VOLTAGE 50 to 1000 Volts CURRENT - 1.5 Amperes)
PS1510 PANJIT-PS1510 Datasheet
72Kb / 2P
PLASTIC SILICON RECTIFIER
PS1510R PANJIT-PS1510R Datasheet
42Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE 50 to 1000 Volts CURRENT - 1.5 Amperes)
More results

Similar Description - PS151

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1N5391 TRSYS-1N5391 Datasheet
121Kb / 2P
PLASTIC SILICON RECTIFIER
logo
Pan Jit International I...
PS150 PANJIT-PS150_07 Datasheet
72Kb / 2P
PLASTIC SILICON RECTIFIER
PS200 PANJIT-PS200_07 Datasheet
59Kb / 2P
PLASTIC SILICON RECTIFIER
logo
Galaxy Semi-Conductor H...
RL101 BILIN-RL101 Datasheet
49Kb / 2P
PLASTIC SILICON RECTIFIER
EM1Y BILIN-EM1Y Datasheet
49Kb / 2P
PLASTIC SILICON RECTIFIER
ERC04-02F BILIN-ERC04-02F Datasheet
60Kb / 2P
PLASTIC SILICON RECTIFIER
ERD03-02 BILIN-ERD03-02 Datasheet
50Kb / 2P
PLASTIC SILICON RECTIFIER
GI500 BILIN-GI500 Datasheet
55Kb / 2P
PLASTIC SILICON RECTIFIER
logo
Pan Jit International I...
1N5391 PANJIT-1N5391_09 Datasheet
74Kb / 2P
PLASTIC SILICON RECTIFIER
logo
Kwang Myoung I.S. CO.,L...
5A50 KISEMICONDUCTOR-5A50 Datasheet
57Kb / 2P
PLASTIC SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com