Electronic Components Datasheet Search
  English  ▼

X  

ZHCS756 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZHCS756
Description  SOT23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZHCS756 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZHCS756 Datasheet HTML 1Page - Diodes Incorporated ZHCS756 Datasheet HTML 2Page - Diodes Incorporated ZHCS756 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SOT23 SILICON HIGH CURRENT
SCHOTTKY BARRIER DIODE “SuperBAT”
ISSUE 1- NOVEMBER 1997
7
FEATURES:
•
Low V
F
•
High Current Capability
APPLICATIONS:
•
DC - DC converters
•
Mobile telecomms
•
PCMCIA
PARTMARK DETAIL: S76
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Continuous Reverse Voltage
VR
60
V
Forward Current (Continuous)
IF
750
mA
Forward Voltage @ IF =750mA
VF
610
mV
Average Peak Forward Current; D.C. = 50%
IFAV
1500
mA
Non Repetitive Forward Current t
≤100µs
t
≤10ms
IFSM
12
5
A
A
Power Dissipation at Tamb=25° C
Ptot
500
mW
Storage Temperature Range
Tstg
-55 to + 150
° C
Junction Temperature
Tj
125
° C
ELECTRICAL CHARACTERISTICS (at Tamb = 25° C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Reverse Breakdown
Voltage
V(BR)R
60
80
V
IR= 300µA
Forward Voltage
VF
250
285
350
440
520
600
760
290
330
410
500
610
700
900
mV
mV
mV
mV
mV
mV
mV
IF= 50mA*
IF= 100mA*
IF= 250mA*
IF= 500mA*
IF= 750mA*
IF= 1000mA*
IF= 1500mA*
Reverse Current
IR
50
100
µA
VR=45V
Diode Capacitance
CD
17
pF
f= 1MHz,VR= 25V
Reverse Recovery
Time
trr
12
ns
switched from
IF = 500mA to IR = 500mA
Measured at IR = 50mA
*Measured under pulsed conditions. Pulse width= 300
µs; duty cycle ≤2%.
ZHCS756
1
3
C
1
A
3
2
SOT23


Similar Part No. - ZHCS756

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZHCS756 ZETEX-ZHCS756 Datasheet
161Kb / 3P
SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
logo
Diodes Incorporated
ZHCS756TA DIODES-ZHCS756TA Datasheet
150Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev 3
More results

Similar Description - ZHCS756

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZHCS400 ZETEX-ZHCS400 Datasheet
50Kb / 3P
SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
ZHCS500 ZETEX-ZHCS500 Datasheet
102Kb / 3P
SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
ZHCS506 ZETEX-ZHCS506 Datasheet
101Kb / 3P
SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
ZHCS750 ZETEX-ZHCS750 Datasheet
165Kb / 3P
SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
ZHCS756 ZETEX-ZHCS756 Datasheet
161Kb / 3P
SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
ZHCS400 ZETEX-ZHCS400_07 Datasheet
127Kb / 6P
SOD323 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
logo
Diodes Incorporated
ZHCS506 DIODES-ZHCS506 Datasheet
112Kb / 3P
SOT23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
SEPTEMBER 1997
ZHCS750 DIODES-ZHCS750 Datasheet
177Kb / 3P
SOT23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
OCTOBER 1997
ZHCS1000 DIODES-ZHCS1000 Datasheet
174Kb / 3P
SOT23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쒾uperBAT?
OCTOBER 1997
logo
Fairchild Semiconductor
ZHCS1006TA FAIRCHILD-ZHCS1006TA Datasheet
177Kb / 3P
SOT23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쒾uperBAT?
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com