Electronic Components Datasheet Search
  English  ▼

X  

LM324M Datasheet(PDF) 1 Page - Estek Electronics Co. Ltd

Part # LM324M
Description  Quadruple Operational Amplifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

LM324M Datasheet(HTML) 1 Page - Estek Electronics Co. Ltd

  LM324M Datasheet HTML 1Page - Estek Electronics Co. Ltd LM324M Datasheet HTML 2Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Quadruple Operational Amplifiers
1
DESCRIPTION
The LM324 consists of four independent, high gain, internally frequency compensated operational amplifiers
which were designed specifically to operate from a single power supply over a wide range of voltages.
Operation from split power supplies is also possible and the low power supply current drain is independent of
the magnitude of the power supply voltage.
Application areas include transducer amplifiers, DC gain blocks and all the conventional op amp circuits.
FEATURES
PACKAGE INFORMATION
§
Wide range of supply voltages
§
Low supply current drain independent of supply voltage
§
Low input biasing current
§
Low input offset voltage and offset current
§
Input common-mode voltage range includes ground
§
Differential input voltage range equal to the power supply voltage
§
DC voltage gain 100 V/ mV Typ
§
Internally frequency compensation
ELECTRICAL CHARACTERISTICS
at specified free-air temperature, VCC = 5V (unless otherwise noted)
LM324
PARAMETER
TEST CONDITIONS*
MIN
TYP
MAX
UNIT
VIO
Vcc =5V to MAX,
25
°Ñ
3
7
mV
Input offset voltage
VIC = VICR min,
VO=1.4V
Full range
9
αVIO
Average temperature coefficient of
input offset voltage
Full range
7
µV/°C
IIO
Vo=1.4V
25
° Ñ
2
50
nA
Input offset current
Full range
150
αIIO
Average temperature coefficient of
input offset current
Full range
10
pA/
°C
IIB
Vo=1.4V
25
°Ñ
-20
-250
nA
Input bias current
Full range
-500
VICR
Vcc = 5V to MAX
25
°Ñ
0 to Vcc-1.5
V
Common-mode input voltage range
Full range
0 to Vcc - 2
VOH
RL = 2 k
Ω
25
°Ñ
Vcc-1.5
V
High-level output voltage
Vcc = MAX, RL =2kΩ
Full range
26
Vcc = MAX,
RL = 10 k
Ω
Full range
27
28
VOL
Low-level output voltage
RL = 10 k
Ω
Full range
5
20
mV
AVD
Vcc = 15 V,
25
°Ñ
25
100
V/mV
Large-signal differential voltage
amplification
Vo=1V to 11 V,
RL ≥ 2 kΩ
Full range
15
CMRR
Common-mode rejection ratio
Vcc = 5V to MAX,
VIC = VICR min
25
°Ñ
65
80
dB
kSVR Supply voltage rejection ratio
(
∆Vcc/∆VIO)
Vcc = 5V to MAX
25
°Ñ
65
100
dB
Vo1/Vo2 Crosstalk attenuation
f=1kHz to 20 kHz
25
°Ñ
120
dB
IO
Vcc = 15 V,
25
°Ñ
-20
-30
mA
Output current
VID=1V,Vo= 0
Full range
-10
Vcc = 15 V,
VID= -1V, Vo=15V
25
°Ñ
10
20
Full range
5
VID= -1V, Vo = 200 mV 25
°C
12
30
µA
los
Short-circuit output current
Vcc at 5 V,
GND at -5V,Vo=0
25
°Ñ
±40
±60
mA
Icc
Vo = 2.5 V, No load
Full range
1.5
2.4
mA
Supply current (four amplifiers)
Vcc = MAX, Vo =
0.5Vcc, No load
Full range
1.1
3
* All characteristics are measured under open loop conditions with zero common-mode input voltage unless
otherwise specified. "MAX" Vcc for testing purposes is 30 V. Full range is 0
°Ñ to 70 °Ñ
LM324M


Similar Part No. - LM324M

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM324M FAIRCHILD-LM324M Datasheet
139Kb / 12P
Quad Operational Amplifier
2002 Rev. 1.0.4
logo
National Semiconductor ...
LM324M NSC-LM324M Datasheet
469Kb / 20P
Low Power Quad Operational Amplifiers
August 2000
logo
Texas Instruments
LM324M TI1-LM324M Datasheet
1Mb / 31P
LM124-N/LM224-N/LM324-N/LM2902-N Low Power Quad Operational Amplifiers
REVISED SEPTEMBER 2004
LM324M TI-LM324M Datasheet
1Mb / 31P
LM124-N/LM224-N/LM324-N/LM2902-N Low Power Quad Operational Amplifiers
REVISED SEPTEMBER 2004
logo
National Semiconductor ...
LM324M NSC-LM324M Datasheet
1Mb / 31P
LM124-N/LM224-N/LM324-N/LM2902-N Low Power Quad Operational Amplifiers
REVISED SEPTEMBER 2004
More results

Similar Description - LM324M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN1324 PANASONIC-AN1324 Datasheet
34Kb / 3P
Quadruple Operational Amplifiers
logo
Texas Instruments
LM324K TI-LM324K Datasheet
526Kb / 18P
QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
LM148 TI-LM148_06 Datasheet
399Kb / 12P
QUADRUPLE OPERATIONAL AMPLIFIERS
logo
Linear Dimensions Semic...
LND324 LINEAR_DIMENSIONS-LND324 Datasheet
121Kb / 5P
Quadruple Operational Amplifiers
logo
Texas Instruments
LM324NE3 TI1-LM324NE3 Datasheet
1Mb / 35P
QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED MARCH 2010
logo
Shenzhen Luguang Electr...
LM324 LUGUANG-LM324 Datasheet
484Kb / 4P
Quadruple Operational Amplifiers
logo
Unisonic Technologies
LM224 UTC-LM224_15 Datasheet
208Kb / 4P
QUADRUPLE OPERATIONAL AMPLIFIERS
logo
Texas Instruments
LM148 TI1-LM148_16 Datasheet
766Kb / 15P
QUADRUPLE OPERATIONAL AMPLIFIERS
logo
ARTSCHIP ELECTRONICS CO...
LM124 ARTSCHIP-LM124 Datasheet
244Kb / 7P
QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED FEBRUARY 1997
logo
Guangdong Youtai Semico...
LM124 UMW-LM124 Datasheet
1Mb / 10P
Quadruple Operational Amplifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com