Electronic Components Datasheet Search
  English  ▼

X  

LM339M Datasheet(PDF) 1 Page - Estek Electronics Co. Ltd

Part # LM339M
Description  Quadruple Differential Compara tors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

LM339M Datasheet(HTML) 1 Page - Estek Electronics Co. Ltd

  LM339M Datasheet HTML 1Page - Estek Electronics Co. Ltd LM339M Datasheet HTML 2Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Quadruple Differential Comparators
1
DESCRIPTION
The LM339 consists of four independent voltage comparators. These were designed specifically to operate
from a single power supply over a wide range of voltages. Operation from split power supplies is also possible
and the low power supply current drain is independent of the magnitude of the power supply voltage. The
outputs can be connected to other open-collector outputs to achieve wired-AND relationships.
FEATURES
PACKAGE INFORMATION
§
Wide supply voltage range
§
Low supply current drain independent of supply voltage.
§
Low input biasing current
§
Low input offset current
§
Low input offset voltage
§
Input common-mode voltage range includes GND
§
Differential input voltage range equal to the power supply voltage
§
Low output saturation voltage
§
Output voltage compatible with TTL, MOS and CMOS logic
ELECTRICAL CHARACTERISTICS
at specified free-air temperature, VCC=5V (unless otherwise noted)
PARAMETER
TEST CONDITIONS*
MIN
TYP MAX UNIT
VIO
VCC=5V to 30V
25
°C
2
5
mV
Input offset voltage
VIC= VICRmin, VO=1.4V
Full range
9
llO
VO=1.4V
25
°C
5
50
nA
Input offset current
Full range
150
IIB
VO=1.4V
25
°C
-25
-250 nA
Input bias current
Full range
-400
VICR
25
°C
0 to
Vcc-1.5
V
Common-mode input voltage range**
Full range
0 to
Vcc-2
AVD
Large-signal differential voltage
amplification
VCC=15V, VO=1.4V to 11.4V,
RL ≥15kΩ to VCC
25
°Ñ
50
200
V/mV
IOH
VOH=5V, VID=1V
25
°C
0.1
50
nA
High-level output current
VOH=30V, VID=1V
Full range
1
µA
VOL
IOL=4mA, VID= -1V
25
°C
150
400
mV
Low-level output voltage
Full range
700
IOL
Low-level output current
VOL=1.5V, VID= -1V
25
°C
6
mA
ICC
RL= ∞
VCC=5V
25
°C
0.8
2
mA
Supply current
VCC=30V
Full range
2.5
* Full range (MIN to MAX), for the LM339 is 0
°Ñ to 70 °Ñ. All characteristics are measured with zero common-mode
input voltage unless otherwise specified.
** The voltage at either input or common-mode should not be allowed to go negative by more than 0.3 V. The upper
end of the common-mode voltage range is VCC -1.5 V, but either or both inputs can go to 30 V without damage.
SWITCHING CHARACTERISTICS, VCC=5V, ÒA=25 °C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Response time
RL connected to 5V through 100-mV input step with 5-mV overdrive
1.3
µs
5.1k
Ω,
CL=15pF* (See Note 1)
TTL-level input step
0.3
* CL includes probe and jig capacitance.
NOTE 1: The response time specified is the interval between the input step function and the instant when the output
crosses 1.4V.
LM339M


Similar Part No. - LM339M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM339M NSC-LM339M Datasheet
465Kb / 19P
Low Power Low Offset Voltage Quad Comparators
logo
Fairchild Semiconductor
LM339M FAIRCHILD-LM339M Datasheet
86Kb / 8P
Quad Comparator
logo
Estek Electronics Co. L...
LM339M ESTEK-LM339M Datasheet
2Mb / 6P
consists of four independent voltage comparators
logo
Texas Instruments
LM339M TI1-LM339M Datasheet
2Mb / 28P
Low-Power Low-Offset Voltage Quad Comparators
LM339M TI1-LM339M Datasheet
2Mb / 28P
Low-Power Low-Offset Voltage Quad Comparators
More results

Similar Description - LM339M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26C32C TI-AM26C32C Datasheet
106Kb / 17P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55ALS195 TI-SN55ALS195 Datasheet
164Kb / 12P
QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN75174 TI-SN75174 Datasheet
139Kb / 9P
QUADRUPLE DIFFERENTIAL LINE DRIVER
AM26C32 TI-AM26C32 Datasheet
541Kb / 17P
QUADRUPLE DIFFERENTIAL LINE RECEIVER
MC3487 TI-MC3487_06 Datasheet
392Kb / 12P
QUADRUPLE DIFFERENTIAL LINE DRIVER
logo
Linear Dimensions Semic...
LND339 LINEAR_DIMENSIONS-LND339 Datasheet
124Kb / 5P
Quadruple Differential Comparators
logo
Texas Instruments
LM2901-Q1 TI1-LM2901-Q1 Datasheet
229Kb / 9P
QUADRUPLE DIFFERENTIAL COMPARATOR
LM2901Q1 TI-LM2901Q1 Datasheet
786Kb / 12P
QUADRUPLE DIFFERENTIAL COMPARATOR
LM2901QDRG4Q1 TI1-LM2901QDRG4Q1 Datasheet
786Kb / 12P
QUADRUPLE DIFFERENTIAL COMPARATOR
LM2901-Q1 TI1-LM2901-Q1_14 Datasheet
789Kb / 13P
QUADRUPLE DIFFERENTIAL COMPARATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com