Electronic Components Datasheet Search
  English  ▼

X  

LM358M Datasheet(PDF) 1 Page - Estek Electronics Co. Ltd

Part # LM358M
Description  Dual Operational Amplifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

LM358M Datasheet(HTML) 1 Page - Estek Electronics Co. Ltd

  LM358M Datasheet HTML 1Page - Estek Electronics Co. Ltd LM358M Datasheet HTML 2Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Dual Operational Amplifiers
1
DESCRIPTION
The LM358 consists of two independent, high gain, internally frequency compensated operational amplifiers which were
designed specifically to operate from a single power supply over a wide range of voltages. Operation from split power
supplies is also possible and the low power supply current drain is independent of the magnitude of the power supply
voltage.
Application areas include transducer amplifiers, dc gain blocks and all the conventional op amp circuits.
FEATURES
PACKAGE INFORMATION
Wide range of supply voltages
Low supply current drain independent of supply voltage
Low input biasing current
Low input offset voltage and offset current
Input common-mode voltage range includes ground
Differential input voltage range equal to the power supply voltage
DC voltage gain 100 V/ mV Typ
Internally frequency compensation
ELECTRICAL CHARACTERISTICS
at specified free-air temperature, Vcc = 5 V (unless otherwise noted)
LM358/ LM358M/ LM358MMK
PARAMETER
TEST CONDITIONS*
MIN
TYP
MAX
UNIT
VIO
Vcc = 5 V to MAX,
25 °С
3
7
mV
Input offset voltage
VIC = VICR min,
Vo=1.4 V
Full range
9
αVIO
Average temperature coefficient of
input offset voltage
Full range
7
µV/°C
lIO
Vo=1.4 V
25 °С
2
50
nA
Input offset current
Full range
150
αlIO
Average temperature coefficient of
input offset current
Full range
10
pA/°C
IIB
Vo=1.4 V
25 °С
-20
-250
nA
Input bias current
Full range
-500
VICR
Vcc = 5 V to MAX
25° С
0 to Vcc-1.5
V
Common-mode input voltage range
Full range
0 to Vcc - 2
VOH
RL
≥2 KΩ (NOTE 1)
25 °С
Vcc-1.5
V
High-level output voltage
Vcc = MAX, RL=2 kΩ
Full range
26
Vcc = MAX,
RL ≥ 10 kΩ
Full range
27
28
VOL
Low-level output voltage
RL ≥ 10 kΩ
Full range
5
20
mV
AVD
Large-signal differential
Vcc = 15 V,
Vo=1V to 11 V,
25 °С
25
100
V/mV
voltage amplification
RL ≥ 2 kΩ
Full range
15
CMRR
Common-mode rejection ratio
Vcc = 5 V to MAX,
VIC = VICR min
25 °С
65
80
dB
kSVR Supply voltage rejection ratio
(
∆Vcc/∆VIO)
Vcc = 5 V to MAX
25 °С
65
100
dB
Vo1 /Vo2
Crosstalk attenuation
f=1 kHz to 20 kHz
25 °С
120
dB
lo
Vcc = 15 V,
25 °С
-20
-30
mA
Output current
VID=1 V,VO= 0
Full range
-10
Vcc = 15 V,
25 °С
10
20
VID = - 1 V, Vo = 15 V
Full range
5
VID = - 1 V,
Vo =200 mV
25 °С
12
30
µA
lOS
Short-circuit output current
Vcc at 5 V,
GND at -5 V,Vo=0
25 °С
±40
±60
mA
ICC
Vo - 2.5 V, No load
Full range
0.7
1.2
mA
Supply current (two amplifiers)
Vcc = MAX,
Vo = 0.5Vcc, No load
Full range
1
2
•
All characteristics are measured under open-loop conditions with zero common-mode input voltage unless
otherwise specified. “MAX” VCC for testing purposes is 30 V. Full range is 0 °С to 70 °С.
Note1 Only for LM358
LM358M


Similar Part No. - LM358M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM358M NSC-LM358M Datasheet
1,009Kb / 25P
Low Power Dual Operational Amplifiers
logo
Fairchild Semiconductor
LM358M FAIRCHILD-LM358M Datasheet
137Kb / 12P
Dual Operational Amplifier
logo
Texas Instruments
LM358M TI-LM358M Datasheet
1Mb / 33P
LM158/LM258/LM358/LM2904 Low Power Dual Operational Amplifiers
LM358M TI1-LM358M Datasheet
1Mb / 36P
Low-Power, Dual-Operational Amplifiers
LM358M/NOPB TI1-LM358M/NOPB Datasheet
1Mb / 36P
Low-Power, Dual-Operational Amplifiers
More results

Similar Description - LM358M

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL4558 INTEGRAL-IL4558 Datasheet
206Kb / 4P
Dual Operational Amplifiers
logo
List of Unclassifed Man...
AZ4558 ETC-AZ4558 Datasheet
228Kb / 8P
DUAL OPERATIONAL AMPLIFIERS
logo
HTC Korea TAEJIN Techno...
LM4558 HTC-LM4558 Datasheet
116Kb / 3P
DUAL OPERATIONAL AMPLIFIERS
logo
BCD Semiconductor Manuf...
AZ4558 BCDSEMI-AZ4558 Datasheet
142Kb / 10P
DUAL OPERATIONAL AMPLIFIERS
logo
KODENSHI_AUK CORP.
KK1458 KODENSHI-KK1458 Datasheet
237Kb / 5P
Dual Operational Amplifiers
KK4558 KODENSHI-KK4558 Datasheet
257Kb / 6P
Dual Operational Amplifiers
logo
Texas Instruments
LM2904DE4 TI1-LM2904DE4 Datasheet
1Mb / 30P
DUAL OPERATIONAL AMPLIFIERS
logo
IK Semicon Co., Ltd
IL1458 IKSEMICON-IL1458 Datasheet
213Kb / 5P
Dual Operational Amplifiers
logo
Texas Instruments
LM158U TI-LM158U Datasheet
1Mb / 32P
DUAL OPERATIONAL AMPLIFIERS
LM2904PWRG4 TI-LM2904PWRG4 Datasheet
1Mb / 32P
DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com