Electronic Components Datasheet Search
  English  ▼

X  

ZHCS1000 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZHCS1000
Description  SOT23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쒾uperBAT?
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZHCS1000 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZHCS1000 Datasheet HTML 1Page - Diodes Incorporated ZHCS1000 Datasheet HTML 2Page - Diodes Incorporated ZHCS1000 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SOT23 SILICON HIGH CURRENT
SCHOTTKY BARRIER DIODE ”SuperBAT”
ISSUE 2 - OCTOBER 1997
7
FEATURES:
•
High current capability
•
Low V
F
APPLICATIONS:
•
Mobile telecomms, PCMIA & SCSI
•
DC-DC Conversion
PARTMARKING DETAILS : ZS1
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Continuous Reverse Voltage
VR
40
V
Forward Current
IF
1000
mA
Forward Voltage @ IF = 1000mA(typ)
VF
425
mV
Average Peak Forward Current;D.C.= 50%
IFAV
1750
mA
Non Repetitive Forward Current t
≤100µs
t
≤10ms
IFSM
12
5.2
A
A
Power Dissipation at Tamb=25° C
Ptot
500
mW
Storage Temperature Range
Tstg
-55 to + 150
° C
Junction Temperature
Tj
125
° C
ELECTRICAL CHARACTERISTICS (at Tamb = 25° C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Reverse Breakdown
Voltage
V(BR)R
40
60
V
IR=300µA
Forward Voltage
VF
240
265
305
355
390
425
495
420
270
290
340
400
450
500
600
—
mV
mV
mV
mV
mV
mV
mV
mV
IF= 50mA*
IF= 100mA*
IF= 250mA*
IF= 500mA*
IF= 750mA*
IF= 1000mA*
IF= 1500mA*
IF= 1000mA,Ta= 100° C
*
Reverse Current
IR
50
100
µA
VR= 30V
Diode Capacitance
CD
25
pF
f= 1MHz,VR=25V
Reverse Recovery
Time
trr
12
ns
switched from
IF = 500mA to IR =
500mA
Measured at IR = 50mA
*Measured under pulsed conditions. Pulse width= 300
µs. Duty cycle ≤2%
ZHCS1000
1
3
C
1
A
3
2
SOT23


Similar Part No. - ZHCS1000

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZHCS1000 ZETEX-ZHCS1000 Datasheet
163Kb / 3P
SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쒾uperBAT?
ZHCS1000 ZETEX-ZHCS1000 Datasheet
357Kb / 14P
LED DRIVER SOLUTION FOR LCD BACKLIGHTING
logo
Diodes Incorporated
ZHCS1000 DIODES-ZHCS1000 Datasheet
277Kb / 16P
LED DRIVER SOLUTION FOR LCD BACKLIGHTING
SEPTEMBER 2007
ZHCS1000 DIODES-ZHCS1000 Datasheet
265Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev 4
logo
TECH PUBLIC Electronics...
ZHCS1000 TECHPUBLIC-ZHCS1000 Datasheet
1Mb / 4P
Schottky barrier diode
More results

Similar Description - ZHCS1000

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZHCS1000 ZETEX-ZHCS1000 Datasheet
163Kb / 3P
SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쒾uperBAT?
ZHCS1006 ZETEX-ZHCS1006 Datasheet
160Kb / 3P
SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쒾uperBAT?
logo
Continental Device Indi...
SDC1000 CDIL-SDC1000 Datasheet
109Kb / 3P
SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
ZHCS400 SEMTECH_ELEC-ZHCS400 Datasheet
221Kb / 3P
SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE
logo
Zetex Semiconductors
BAT750 ZETEX-BAT750 Datasheet
287Kb / 6P
SOT23 Schottky barrier diode
logo
Diodes Incorporated
ZHCS506 DIODES-ZHCS506 Datasheet
112Kb / 3P
SOT23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
SEPTEMBER 1997
ZHCS750 DIODES-ZHCS750 Datasheet
177Kb / 3P
SOT23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
OCTOBER 1997
ZHCS756 DIODES-ZHCS756 Datasheet
173Kb / 3P
SOT23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
NOVEMBER 1997
logo
Fairchild Semiconductor
ZHCS1006TA FAIRCHILD-ZHCS1006TA Datasheet
177Kb / 3P
SOT23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쒾uperBAT?
logo
SUNMATE electronic Co.,...
ZHCS400 SUNMATE-ZHCS400 Datasheet
731Kb / 3P
SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com