Electronic Components Datasheet Search
  English  ▼

X  

LM393M Datasheet(PDF) 1 Page - Estek Electronics Co. Ltd

Part # LM393M
Description  Dual Differential Comparators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

LM393M Datasheet(HTML) 1 Page - Estek Electronics Co. Ltd

  LM393M Datasheet HTML 1Page - Estek Electronics Co. Ltd LM393M Datasheet HTML 2Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
aУ~К=aЗДДГРГМТЗ~К=`НЛО~Р~ТНРС
1
DESCRIPTION
DESCRIPTION
DESCRIPTION
DESCRIPTION
The LM393 consists of two independent voltage comparators. These were designed specifically to operate
from a single power supply over a wide range of voltages. Operation from split power supplies is also
possible and the low power supply current drain is independent of the magnitude of the power supply
voltage. The outputs can be connected to other open-collector outputs to achieve wired-AND relationships.
FEATURES
FEATURES
FEATURES
FEATURES
Wide supply voltage range
Low supply current drain independent of supply
voltage.
Low input biasing current
Low input offset current
Low input offset voltage
Input common-mode voltage range includes GND
Differential input voltage range equal to the power
supply voltage
Low output saturation voltage
Output voltage compatible with TTL, MOS and CMOS
logic
PACKAGE INFORMATION
PACKAGE INFORMATION
PACKAGE INFORMATION
PACKAGE INFORMATION
ELECTRICAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
at specified free-air temperature, VCC = 5 V (unless otherwise noted)
PARAMETER
PARAMETER
PARAMETER
PARAMETER
TEST CONDITIONS*
TEST CONDITIONS*
TEST CONDITIONS*
TEST CONDITIONS*
MIN
MIN
MIN
MIN
TYP
TYP
TYP
TYP
MAX
MAX
MAX
MAX
UNIT
UNIT
UNIT
UNIT
VIO
Vcc = 5V to 30V,
25
°
2
5
mV
Input offset voltage
VIC = VICR min,
Vo=1.4V
Full range
9
lIO
Vo=1.4V
25
°
5
50
nA
Input offset current
Full range
150
IIB
Vo=1.4V
25
°
-25
-250
nA
Input bias current
Full range
-400
VICR
25
°
0 to Vcc-1.5
V
Common-mode input voltage
range**
Full range
0 to Vcc - 2
AVD
Large-signal differential
Vcc = 15 V,
Vo=1.4V to 11.4 V,
25
°
50
200
V/mV
voltage amplification
RL ≥ 15 kΩ tO VCC
lOH
VOH=5 V, VID=1V,
25
°
0.1
50
nA
High-level output current
VOH= 30V, VID=1V
Full range
1
µA
VOL
IOL = 4 mA, VID=-1V
25
°
150
400
mV
Low-level output voltage
Full range
700
lOL
Low-level output current
VOL= 1.5V, VID=-1V
25
°
6
mA
ICC
RL = ∞
VCC = 5V
25
°
0.8
1
mA
Supply current
VCC = 30V
Full range
2.5
* Full range (MIN to MAX), for the LM393 is
° to 70 ° . All characteristics are measured with zero common-mode input
voltage unless otherwise specified.
** The voltage at either input or common-mode should not be allowed to go negative by more than 0.3V. The upper end of
the common-mode voltage range is VCC -1.5V, but either or both inputs can go to 30V without damage.
SWITCHING CHARACTERISTICS
SWITCHING CHARACTERISTICS
SWITCHING CHARACTERISTICS
SWITCHING CHARACTERISTICS,,,, VCC=5V, A=25 0C
PARAMETER
PARAMETER
PARAMETER
PARAMETER
TEST CONDITIONS
TEST CONDITIONS
TEST CONDITIONS
TEST CONDITIONS
MIN
MIN
MIN
MIN
TYP
TYP
TYP
TYP
MAX
MAX
MAX
MAX
UNIT
UNIT
UNIT
UNIT
Response time
RL connected to 5V
through 5.1 k
Ω,
100 -mV input step with 5-mV overdrive
1.3
µs
CL=15pF* (See Note 1)
TTL-level input step
0 .3
* CL includes probe and jig capacitance.
NOTE 1: The response time specified is the interval between the input step function and the instant when the output
crosses 1.4V.
LM393M


Similar Part No. - LM393M

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM393M NSC-LM393M Datasheet
322Kb / 15P
Low Power Low Offset Voltage Dual Comparators
logo
Fairchild Semiconductor
LM393M FAIRCHILD-LM393M Datasheet
77Kb / 8P
Dual Differential Comparator
logo
Texas Instruments
LM393M TI1-LM393M Datasheet
447Kb / 17P
LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM393M TI1-LM393M Datasheet
1Mb / 24P
LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
logo
Fairchild Semiconductor
LM393M FAIRCHILD-LM393M Datasheet
155Kb / 8P
Dual Differential Comparator
More results

Similar Description - LM393M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM193 TI-LM193 Datasheet
413Kb / 18P
DUAL DIFFERENTIAL COMPARATORS
TLV1393 TI-TLV1393 Datasheet
254Kb / 16P
DUAL DIFFERENTIAL COMPARATORS
logo
Tiger Electronic Co.,Lt...
LM2903D TGS-LM2903D Datasheet
203Kb / 4P
Dual Differential Comparators
logo
Texas Instruments
LM2903-Q1 TI1-LM2903-Q1 Datasheet
212Kb / 9P
DUAL DIFFERENTIAL COMPARATORS
TL393CD TI-TL393CD Datasheet
264Kb / 11P
DUAL DIFFERENTIAL COMPARATORS
LM193DRG4 TI-LM193DRG4 Datasheet
1Mb / 30P
DUAL DIFFERENTIAL COMPARATORS
NCV2903VDR2G TI-NCV2903VDR2G Datasheet
1Mb / 30P
DUAL DIFFERENTIAL COMPARATORS
LM193 TI1-LM193_16 Datasheet
887Kb / 25P
Dual Differential Comparators
LM193-MIL TI1-LM193-MIL Datasheet
329Kb / 16P
Dual Differential Comparators
logo
Shenzhen Huazhimei Semi...
LM393 HMSEMI-LM393 Datasheet
285Kb / 4P
Dual Differential Comparators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com