Electronic Components Datasheet Search
  English  ▼

X  

FMP1617DAX Datasheet(PDF) 5 Page - FIDELIX

Part # FMP1617DAX
Description  1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

FMP1617DAX Datasheet(HTML) 5 Page - FIDELIX

  FMP1617DAX Datasheet HTML 1Page - FIDELIX FMP1617DAX Datasheet HTML 2Page - FIDELIX FMP1617DAX Datasheet HTML 3Page - FIDELIX FMP1617DAX Datasheet HTML 4Page - FIDELIX FMP1617DAX Datasheet HTML 5Page - FIDELIX FMP1617DAX Datasheet HTML 6Page - FIDELIX FMP1617DAX Datasheet HTML 7Page - FIDELIX FMP1617DAX Datasheet HTML 8Page - FIDELIX FMP1617DAX Datasheet HTML 9Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
FMP1617DAx
CMOS LPRAM
Revision 0.4
Jul. 2010
5
AC CHARACTERISTICS(VCC=2.7V~3.3V)
Parameter List
Symbol
Speed Bins
Units
60ns
70ns
Min
Max
Min
Max
Read
Read Cycle Time
tRC
60
20k
70
20k
ns
Address Access Time
tAA
-
60
-
70
ns
Chip Select to Output
tCO
-
60
-
70
ns
Output Enable to Valid Output
tOE
-
25
-
25
ns
/UB, /LB Access Time
tBA
-
60
-
70
ns
Chip Select to Low-Z Output
tLZ
10
-
10
-
ns
/UB, /LB Enable to Low-Z Output
tBLZ
10
-
10
-
ns
Output Enable to Low-Z Output
tOLZ
5
-
5
-
ns
Chip Disable to High- Z Output
tHZ
0505
ns
/UB, /LB Disable to High- Z Output
tBHZ
0505
ns
Output Disable to High- Z Output
tOHZ
0505
ns
Output Hold from Address Change
tOH
5
-
5
-
ns
Write
Write Cycle Time
tWC
60
20k
70
20k
ns
Chip Select to End of Write
tCW
50
-
60
-
ns
Address Set-up Time
tAS
0
-
0
-
ns
Address Valid to End of Write
tAW
50
-
60
-
ns
/UB, /LB Valid to End of Write
tBW
50
-
60
-
ns
Write Pulse Width
tWP
50
-
50
-
ns
Write Recovery Time
tWR
0
-
0
-
ns
Write to Output High-Z
tWHZ
0505
ns
Data to Write Time Overlap
tDW
20
-
20
-
ns
Data Hold from Write Time
tDH
0
-
0
-
ns
End Write to Output Low-Z
tOW
5
-
5
-
ns
Page
Page Mode Cycle Time
tPC
20
-
25
-
ns
Page Mode Address Access Time
tPAA
-
20
-
25
ns
Maximum Cycle Time
tMRC
-
20k
-
20k
ns
/CS High Pulse Width
tCP
10
-
10
-
ns
1. /CS High Pulse Width is defined by /CS or (/UB and /LB) because /UB & /LB can make standby mode when /UB=High and /LB=High.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com