Electronic Components Datasheet Search
  English  ▼

X  

ZLLS500 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZLLS500
Description  40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZLLS500 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZLLS500 Datasheet HTML 1Page - Diodes Incorporated ZLLS500 Datasheet HTML 2Page - Diodes Incorporated ZLLS500 Datasheet HTML 3Page - Diodes Incorporated ZLLS500 Datasheet HTML 4Page - Diodes Incorporated ZLLS500 Datasheet HTML 5Page - Diodes Incorporated ZLLS500 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Operational efficiency chart
The operational efficiency chart indicates the beneficial use of the ZLLS series diodes in applications requiring
higher voltage, higher temperature operation. Circuits requiring low voltage low temperature operation will
benefit from using Zetex low VF ZHCS series diodes.
ZLLS500
SEMICO NDUC TORS
ISSUE 3 - MAY 2006
4
SCHOTTKY DIODE CHARACTERISTICS
PARAMETER
SYMBOL MIN.
TYP.
MAX.
UNIT
CONDITIONS
Reverse breakdown voltage
V
(BR)R
40
V
I
R=200µA
Forward voltage
V
F
305
335
395
465
550
620
710
415
360
390
450
530
630
710
800
mV
mV
mV
mV
mV
mV
mV
mV
I
F=50 mA*
I
F=100 mA*
I
F=250mA*
I
F=500mA*
I
F=750mA*
I
F=1A*
I
F=1.5A*
I
F=500mA*,Ta = 100 C
Reverse current
I
R
6
370
10
A
A
V
R=30V
V
R=30V,Ta = 85 C
Diode capacitance
C
D
16
pF
f=1MHz,V
R=30V
Reverse recovery time
Reverse recovery charge
t
rr
Q
rr
3
210
ns
pC
Switched from
I
F = 500mA to VR =5.5V
Measured @ I
R 50mA.
di /d t = 500mA/ ns.
Rsource = 6 ;Rload= 10
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated)
*Measured under pulsed conditions. Pulse width = 300µS. Duty cycle
2%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com