Electronic Components Datasheet Search
  English  ▼

X  

ZLLS500TC Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZLLS500TC
Description  40V SILICON HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZLLS500TC Datasheet(HTML) 2 Page - Diodes Incorporated

  ZLLS500TC Datasheet HTML 1Page - Diodes Incorporated ZLLS500TC Datasheet HTML 2Page - Diodes Incorporated ZLLS500TC Datasheet HTML 3Page - Diodes Incorporated ZLLS500TC Datasheet HTML 4Page - Diodes Incorporated ZLLS500TC Datasheet HTML 5Page - Diodes Incorporated ZLLS500TC Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ZLLS500
SEMICO NDUC TORS
ISSUE 3 - MAY 2006
2
PARAMETER
SYMBOL
VALUE
UNIT
Schottky Diode
Continuous reverse voltage
V
R
40
V
Forward current
I
F
0.7
A
Peak repetitive forward current
Rectangular pulse duty cycle
I
FPK
1.14
A
Non repetitive forward current
t=
100 s
t=
10ms
I
FSM
13
3.2
A
A
Package
Power dissipation at T
amb=25 C
single die continuous
single die measured at t<5 secs
P
D
500
630
mW
mW
Storage temperature range
T
stg
-55 to +150
C
Junction temperature
Tj
150
C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
VALUE
UNIT
Junction to ambient (a)
R
JA
250
°C/W
Junction to ambient (b)
R
JA
198
°C/W
THERMAL RESISTANCE
Notes
(a) For a device surface mounted on 25mm x 25mm FR4 PCB with high coverage of single sided 1oz copper,
in still air conditions.
(b) For a device surface mounted on FR4 PCB measured at t<5secs.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com