Electronic Components Datasheet Search
  English  ▼

X  

ZLLS1000TC Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZLLS1000TC
Description  40V HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZLLS1000TC Datasheet(HTML) 4 Page - Diodes Incorporated

  ZLLS1000TC Datasheet HTML 1Page - Diodes Incorporated ZLLS1000TC Datasheet HTML 2Page - Diodes Incorporated ZLLS1000TC Datasheet HTML 3Page - Diodes Incorporated ZLLS1000TC Datasheet HTML 4Page - Diodes Incorporated ZLLS1000TC Datasheet HTML 5Page - Diodes Incorporated ZLLS1000TC Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ZLLS1000
Document Number DS32021 Rev. 5 - 2
4 of 6
www.diodes.com
October 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZLLS1000
0.0
0.2
0.4
0.6
1µ
10µ
100µ
1m
10m
100m
1
0
5
10
15
20
25
30
35
40
10p
100p
1n
10n
100n
1µ
10µ
100µ
1m
10m
100m
0.1
1
25
40
60
80
100
120
140
0.01
0.1
1
10
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1
60
80
100
120
140
160
10m
100m
1
10
0
20
40
60
80
100
120
140
160
180
150°C
85°C
25°C
-15°C
-55°C
Typical Forward Characteristics
V
F
- Forward Voltage (V)
-15°C
-55°C
+25°C
+85°C
+150°C
Typical Reverse Characteristics
V
R
- Reverse Voltage (V)
R
th
=155°C/W
Rectangular Pulse = 10ms
D = 1
D = 0.5
D = 0.2
D = 0.1
D = 0.05
Typical Forward Safe Operating Area
I
F(pk)
- Peak Fwd Current (A)
Tj=150°C
Rectangular Pulse
D = 1
D = 0.5
D = 0.2
D = 0.1
D = 0.05
Forward Power vs Peak Current
I
F(pk)
- Peak Fwd Current (A)
Tj=150°C
Rth(j-a) = 105°C/W
Rth(j-a) = 155°C/W
Rth(j-a) = 205°C/W
Typical Reverse Safe Operating Area
V
R
- Continuous Reverse Voltage (V)
f = 1MHz
Capacitance vs Reverse Voltage
V
R
- Reverse Voltage (V)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com