Electronic Components Datasheet Search
  English  ▼

X  

ZLNB2001 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZLNB2001
Description  DUAL TONE and POLARITY SWITCH LNB MULTIPLEX CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZLNB2001 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZLNB2001 Datasheet HTML 1Page - Diodes Incorporated ZLNB2001 Datasheet HTML 2Page - Diodes Incorporated ZLNB2001 Datasheet HTML 3Page - Diodes Incorporated ZLNB2001 Datasheet HTML 4Page - Diodes Incorporated ZLNB2001 Datasheet HTML 5Page - Diodes Incorporated ZLNB2001 Datasheet HTML 6Page - Diodes Incorporated ZLNB2001 Datasheet HTML 7Page - Diodes Incorporated ZLNB2001 Datasheet HTML 8Page - Diodes Incorporated ZLNB2001 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
V1
5V
V2
+
+
-
-
F
IN1
F
IN2
G
ND
F
OUT1
F
OUT2
V
POL1
V
POL2
ZLNB2001
ZLNB2002
V
CC
68pF
470pF
C2
68pF
C4
470pF
C3
C1
R2
150k
R1
10k
(see
Note 1)
R3
10k
R4
150k
V2
+
+
-
-
F
IN1
F
IN2
G
ND
F
OUT1
F
OUT2
V
POL1
V
POL2
ZLNB2003
ZLNB2004
V
CC
C
REC1
C
REC2
68pF
C4
470pF
C3
68pF
470pF
C2
C1
R2
150k
R1
10k
(see
Note 1)
R3
10k
R4
150k
V1
5V
C5
100nF
R5
1M
R6
1M
C6
100nF
ZLNB2001 ZLNB2002
ZLNB2003 ZLNB2004
TEST CIRCUIT 1
TEST CIRCUIT 2
84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com