Electronic Components Datasheet Search
  English  ▼

X  

ZLNB2002 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # ZLNB2002
Description  DUAL TONE and POLARITY SWITCH LNB MULTIPLEX CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZLNB2002 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button ZLNB2002 Datasheet HTML 4Page - Diodes Incorporated ZLNB2002 Datasheet HTML 5Page - Diodes Incorporated ZLNB2002 Datasheet HTML 6Page - Diodes Incorporated ZLNB2002 Datasheet HTML 7Page - Diodes Incorporated ZLNB2002 Datasheet HTML 8Page - Diodes Incorporated ZLNB2002 Datasheet HTML 9Page - Diodes Incorporated ZLNB2002 Datasheet HTML 10Page - Diodes Incorporated ZLNB2002 Datasheet HTML 11Page - Diodes Incorporated ZLNB2002 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ZLNB2001 ZLNB2002
ZLNB2003 ZLNB2004
PIN No.1
IDENTIFICATION
RECESS
FOR PIN 1
A
B
D
C
K
QSOP16
DIM
Millimetres
Inches
MIN
MAX
MIN
MAX
A
4.80
4.98
0.189
0.196
B
0.635
0.025 NOM
C
0.177
0.267
0.007
0.011
D
0.20
0.30
0.008
0.012
E
3.81
3.99
0.15
0.157
F
1.35
1.75
0.053
0.069
G
0.10
0.25
0.004
0.01
J
5.79
6.20
0.228
0.244
K0°
8°
0°
8°
91
PACKAGE DIMENSIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com