Electronic Components Datasheet Search
  English  ▼

X  

ZLNB2003 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # ZLNB2003
Description  DUAL TONE and POLARITY SWITCH LNB MULTIPLEX CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZLNB2003 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button ZLNB2003 Datasheet HTML 3Page - Diodes Incorporated ZLNB2003 Datasheet HTML 4Page - Diodes Incorporated ZLNB2003 Datasheet HTML 5Page - Diodes Incorporated ZLNB2003 Datasheet HTML 6Page - Diodes Incorporated ZLNB2003 Datasheet HTML 7Page - Diodes Incorporated ZLNB2003 Datasheet HTML 8Page - Diodes Incorporated ZLNB2003 Datasheet HTML 9Page - Diodes Incorporated ZLNB2003 Datasheet HTML 10Page - Diodes Incorporated ZLNB2003 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
F
IN1
F
IN2
G
ND
F
OUT1
F
OUT2
V
POL1
V
POL2
ZLNB2001
V
CC
V
CC
68pF
470pF
C2
68pF
C4
470pF
C3
C1
R2
150k
R1
10k
R3
10k
R4
150k
LNB Downfeed
No.1
LNB Downfeed
No.2
F
IN1
F
IN2
G
ND
F
OUT1
F
OUT2
V
POL1
V
POL2
ZLNB2003
V
CC
C
REC1
C
REC2
68pF
C4
470pF
C3
68pF
470pF
C2
C1
R2
150k
R1
10k
R3
10k
R4
150k
C5
100nF
R5
1M
R6
1M
C6
100nF
V
CC
LNB Downfeed
No.1
LNB Downfeed
No.2
ZLNB2001 ZLNB2002
ZLNB2003 ZLNB2004
The following circuit shows the additional components that will be used for polarisation mode
and 22kHz tone detection in a typical ZLNB2001/2 application.
The following circuit shows the additional components that will be used for polarisation mode
and 22kHz tone detection in a typical ZLNB2003/4 application.
APPLICATION CIRCUIT EXAMPLES
88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com