Electronic Components Datasheet Search
  English  ▼

X  

ZMT31 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZMT31
Description  ANGLE SENSOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZMT31 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZMT31 Datasheet HTML 1Page - Diodes Incorporated ZMT31 Datasheet HTML 2Page - Diodes Incorporated ZMT31 Datasheet HTML 3Page - Diodes Incorporated ZMT31 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ZMT31
SEMICO NDUC TORS
ISSUE 4 - JUNE 2004
2
PARAMETER
SYMBOL
LIMIT
UNIT
Supply voltage
V
B
5V
Total power dissipation
P
tot
120
mW
Operating temperature range
T
amb
-25 to +130
C
Storage temperature range
T
stg
-40 to +130
C
Sensor chip alignment error
e
2
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST
CONDITIONS
Bridge resistance
Rbr
2.0
3.0
4.0
k
Offset voltage
VOff /VB
-2.0
+2.0
mV/V
bridge 1:
=45 ;
bridge 2:
=0
Sensitivity
S
0.2
(mV/V)/
bridge 1:
=0 ;
bridge 2:
=45
Half bridge symmetry
(VS/2-VO)/VB
-2.0
+2.0
mV/V
bridge 1:
=0 ;
bridge 2:
=45
Output voltage range
(
|Vmax|+|Vmin|) /VB
16
mV/V
Zero offset angle hysteresis
2
Temperature coefficient of
the bridge resistance -25 C
<Tamb <100 C
TCBR
0.25
0.30
0.35
%/K
Temperature coefficient of
the open circuit sensitivity
-25 C<Tamb <100 C
TCSV
-0.35
-0.30
-0.25
%/K
VB = const.
TCSI
-0.05
0
0.05
%/K
IB = const
Temperature coefficient of
the offset voltage -25 C
<Tamb <100 C
TCOFF
-3
+3
( V/V)/K



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com