Electronic Components Datasheet Search
  English  ▼

X  

ZMT32 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZMT32
Description  Magnetic Field Angle Sensor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZMT32 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZMT32 Datasheet HTML 1Page - Diodes Incorporated ZMT32 Datasheet HTML 2Page - Diodes Incorporated ZMT32 Datasheet HTML 3Page - Diodes Incorporated ZMT32 Datasheet HTML 4Page - Diodes Incorporated ZMT32 Datasheet HTML 5Page - Diodes Incorporated ZMT32 Datasheet HTML 6Page - Diodes Incorporated ZMT32 Datasheet HTML 7Page - Diodes Incorporated ZMT32 Datasheet HTML 8Page - Diodes Incorporated ZMT32 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ZMT32
Issue 1 - June 2008
4
www.zetex.com
© Zetex Semiconductors plc 2008
where
RB(Tn) is the bridge resistance at temperature Tn
where VOFF(Tn) is the output offset voltage at temperature Tn
Magnetic field tests
For these tests a rotating magnetic field is generated and the output signals of both bridges are measured at
four different field angles for right rotation as well as for left rotation. Using these measured output signals
the diameter and the center coordinates of the best circle are calculated. They correspond to the output
voltage range and the offset voltage. Furthermore the field angles for both rotation directions and angular
hysteresis are calculated
Method
The data pairs are transformed onto a unit circle starting from their position in the data collection
for determining direction information or angle information.
It must be evaluated with four pair values (cos, sin) on a right rotation (magnetic field rotation)
and four pair values (cos, sin) on a left rotation (magnetic field rotation).
The field rotation steps are:
start in 180° position
§
right rotation to 22.5° with measurement of sensor outputs
§
right rotation to 67.5° with measurement of sensor outputs
§
right rotation to 112.5° with measurement of sensor outputs
§
right rotation to 157.5° with measurement of sensor outputs
§
right rotation to 0° (360°) , stop , reversal
§
left rotation to 157.5° with measurement of sensor outputs
§
left rotation to 112.5° with measurement of sensor outputs
§
left rotation to 67.5° with measurement of sensor outputs
§
left rotation to 22.5° with measurement of sensor outputs , end position
General description of tests with external magnetic field.
%
100
)
T
(
R
)
T
(
R
)
T
(
R
T
T
1
TCR
0
B
1
B
2
B
1
2
B
×
−
×
−
=
)
T
T
(
V
V
TCV
1
2
)
1
T
(
OFF
)
2
T
(
OFF
OFF
−
−
=
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
=
α
=
1
O
2
O
V
V
arctan
]
angle
measured
[



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com