Electronic Components Datasheet Search
  English  ▼

X  

ZMY20M Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZMY20M
Description  MAGNETIC FIELD SENSOR WITH INTERNAL MAGNET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZMY20M Datasheet(HTML) 2 Page - Diodes Incorporated

  ZMY20M Datasheet HTML 1Page - Diodes Incorporated ZMY20M Datasheet HTML 2Page - Diodes Incorporated ZMY20M Datasheet HTML 3Page - Diodes Incorporated ZMY20M Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ZMY20M
SEMICO NDUC TORS
ISSUE 2 - JANUARY 2004
2
PARAMETER
SYMBOL
LIMIT
UNIT
Supply voltage
VB
12
V
Total power dissipation
PTOT
120
mW
Operating temperature range
Tamb
-25 to +125
°C
Storage temperature range
Tstg
-25 to +125
°C
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS
Bridge resistance
Rbr
1.2
1.7
2.2
k
Output voltage range
VO/VB
12
18
24
mV/V
Auxiliary field
Hx
-
2
-
kA/m
Disturbing field
Hd
-
-
30
kA/m
Open circuit sensitivity
S
3.0
5.5
7.0
(mV/V)/
(kA/m)
No disturbing field
Hd allowed
VB = const.
Hysteresis of output voltage
VOH/VB
--
50
V/V
Hy
2kA/m
Offset voltage
Voff/VB
-1.5
-
+1.5
mV/V
Operating frequency
fmax
0
-
1
MHz
Temperature coefficient of
offset voltages
TCVoff
-3
-
+3
( V/V)/K Tamb = -25 to +125°C
Temperature coefficient of
bridge resistance
TCRbr
0.25
0.3
0.35
%/K
Tamb = -25 to +125°C
Temperature coefficient of
open circuit sensitivity
VB=5V
TCSV
-0.25
-0.3
-0.35
%/K
Tamb = -25 to +125°C
Temperature coefficient of
open circuit sensitivity
IB= 3mA
TCSI
-
0.05
-
%/K
Tamb = -25 to +125°C
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com