Electronic Components Datasheet Search
  English  ▼

X  

ZNBG2000 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZNBG2000
Description  FET BIAS CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZNBG2000 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZNBG2000 Datasheet HTML 1Page - Diodes Incorporated ZNBG2000 Datasheet HTML 2Page - Diodes Incorporated ZNBG2000 Datasheet HTML 3Page - Diodes Incorporated ZNBG2000 Datasheet HTML 4Page - Diodes Incorporated ZNBG2000 Datasheet HTML 5Page - Diodes Incorporated ZNBG2000 Datasheet HTML 6Page - Diodes Incorporated ZNBG2000 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DEVICE DESCRIPTION
The ZNBG series of devices are designed to meet the
bias requirements of GaAs and HEMT FETs
commonly used in satellite receiver LNBs, PMR,
cellular telephones etc. with a minimum of external
components.
With the addition of two capacitors and a resistor the
devices provide drain voltage and current control for
2 external grounded source FETs, generating the
regulated negative rail required for FET gate biasing
whilst operating from a single supply. This negative
bias, at -3 volts, can also be used to supply other
external circuits.
The ZNBG2000/1 contains two bias stages. A single
resistor allows FET drain current to be set to the
desired level. The series also offers the choice of
drain voltage to be set for the FETs, the ZNBG2000
gives 2.2 volts drain whilst the ZNBG2001 gives 2
volts.
These devices are unconditionally stable over the full
working temperature with the FETs in place, subject
to the inclusion of the recommended gate and drain
capacitors. These ensure RF stability and minimal
injected noise.
FEATURES
• Provides bias for GaAs and HEMT FETs
• Drives up to two FETs
• Dynamic FET protection
• Drain current set by external resistor
• Regulated negative rail generator requires only 2
external capacitors
• Choice in drain voltage
• Wide supply voltage range
• MSOP surface mount package
It is possible to use less than the devices full
complement of FET bias controls, unused drain and
gate connections can be left open circuit without
affecting operation of the remaining bias circuits.
In order to protect the external FETs the circuits have
been designed to ensure that, under any conditions
including power up/down transients, the gate drive
from the bias circuits cannot exceed the range -3.5V
to 0.7V. Furthermore if the negative rail experiences a
fault condition, such as overload or short circuit, the
drain supply to the FETs will shut down avoiding
excessive current flow.
The ZNBG2000/1 are available in MSOP10 packages
for the minimum in devices size. Device operating
temperature is -40 to 80°C to suit a wide range of
environmental conditions.
APPLICATIONS
• Satellite receiver LNBs
• Private mobile radio (PMR)
• Single in single out C Band LNB
• Cellular telephones
ISSUE 1 - AUGUST 2001
FET BIAS CONTROLLER
ZNBG2000
ZNBG2001
1


Similar Part No. - ZNBG2000

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZNBG2000 ZETEX-ZNBG2000 Datasheet
516Kb / 7P
FET BIAS CONTROLLER
ZNBG2000X10 ZETEX-ZNBG2000X10 Datasheet
516Kb / 7P
FET BIAS CONTROLLER
More results

Similar Description - ZNBG2000

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZNBG4000 ZETEX-ZNBG4000 Datasheet
406Kb / 10P
FET BIAS CONTROLLER
ZNBR4000 ZETEX-ZNBR4000 Datasheet
183Kb / 10P
FET BIAS CONTROLLER
logo
Aimtron Technology
AT1504 AIMTRON-AT1504 Datasheet
237Kb / 6P
FET BIAS CONTROLLER
AT1506 AIMTRON-AT1506 Datasheet
237Kb / 6P
FET BIAS CONTROLLER
logo
Zetex Semiconductors
ZNBG2000 ZETEX-ZNBG2000 Datasheet
516Kb / 7P
FET BIAS CONTROLLER
logo
Diodes Incorporated
ZNBG3000 DIODES-ZNBG3000 Datasheet
216Kb / 9P
FET BIAS CONTROLLER
AUGUST 1998
ZNBG4000 DIODES-ZNBG4000 Datasheet
419Kb / 10P
FET BIAS CONTROLLER
JUNE 1998
logo
Unisonic Technologies
L8401 UTC-L8401_15 Datasheet
231Kb / 5P
FET BIAS CONTROLLER
L8001 UTC-L8001_17 Datasheet
181Kb / 6P
FET BIAS CONTROLLER
L8002 UTC-L8002 Datasheet
176Kb / 6P
FET BIAS CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com