Electronic Components Datasheet Search
  English  ▼

X  

SD840CT Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # SD840CT
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SD840CT Datasheet(HTML) 2 Page - Pan Jit International Inc.

  SD840CT Datasheet HTML 1Page - Pan Jit International Inc. SD840CT Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
August 17,2010-REV.02
SD820CT SERIES
Fig 1 FORWARD CURRENT DERATING CURVE
.-
Fig 1 FORWARD CURRENT DERATING CURVE
.-
CASE TEMPERATURE
,C
O
0
50
100
150
10
8
6
4
2
0
Fig 4 TYPICAL INSTANTANEOUS FORWARD
.-
Fig 4 TYPICAL INSTANTANEOUS FORWARD
.-
CHARACTERISTIC
Fig 2 MAXIMUM NON REPETITIVE SURGE CURRENT
.-
-
Fig 2 MAXIMUM NON REPETITIVE SURGE CURRENT
.-
-
NO
.OF CYCLE AT 60Hz
120
100
80
60
40
20
0
1
2
5
10
20
50
100
Fig 3 TYPICAL REVERSE CHARACTERISTIC
.-
Fig 3 TYPICAL REVERSE CHARACTERISTIC
.-
020406080
100
T =25 C
J
T =75C
O
J
T =100 C
O
J
O
INSTANTANEOUS FORWARD VOLTAGE
,VOLTS
20V 40V
~
50 60V
~
RATING AND CHARACTERISTIC CURVES
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.2
0.4
0.6
0.8
0.1
1.0
2
4
6
8
10
40
O
T =25 C
J
Pulse Width=300 s
m
1% Duty Cycle
20
-30V
40
-60V
0.01
0.001
0.1
1.0
10
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE, (%)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com