Electronic Components Datasheet Search
  English  ▼

X  

ZNBG3113 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # ZNBG3113
Description  FET BIAS CONTROLLER WITH POLARISATION
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZNBG3113 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button ZNBG3113 Datasheet HTML 5Page - Diodes Incorporated ZNBG3113 Datasheet HTML 6Page - Diodes Incorporated ZNBG3113 Datasheet HTML 7Page - Diodes Incorporated ZNBG3113 Datasheet HTML 8Page - Diodes Incorporated ZNBG3113 Datasheet HTML 9Page - Diodes Incorporated ZNBG3113 Datasheet HTML 10Page - Diodes Incorporated ZNBG3113 Datasheet HTML 11Page - Diodes Incorporated ZNBG3113 Datasheet HTML 12Page - Diodes Incorporated ZNBG3113 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
The following schematic shows the function of the VPOL input. Only one of the two external FETs
numberd Q1 and Q2 are powered at any one time, their selection is controlled by the input VPOL.
This input is designed to be wired to the power input of the LNB via a high value (10k) resistor.
With the input voltage of the LNB set at or below 14V, FET Q2 will be enabled. With the input
voltage at or above 15.5V, FET Q1 will be enabled. The disabled FET has its gate driven low and
its drain terminal is switched open circuit. It is permissible to connect the drain pins D1 and D2
together if required by the application circuit. FET number Q3 is always active regardless of the
voltage applied to VPOL.
Control Input Switch Function
Input Sense
Polarisation
Select
≤14 volts
Vertical
FET Q2
≥ 15.5 volts
Horizontal
FET Q1
4-131
ZNBG3113
ZNBG3114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com