Electronic Components Datasheet Search
  English  ▼

X  

LC33832M Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LC33832M
Description  256 K (32768 words X 8 bits) Pseudo-SRAM
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC33832M Datasheet(HTML) 6 Page - Sanyo Semicon Device

  LC33832M Datasheet HTML 1Page - Sanyo Semicon Device LC33832M Datasheet HTML 2Page - Sanyo Semicon Device LC33832M Datasheet HTML 3Page - Sanyo Semicon Device LC33832M Datasheet HTML 4Page - Sanyo Semicon Device LC33832M Datasheet HTML 5Page - Sanyo Semicon Device LC33832M Datasheet HTML 6Page - Sanyo Semicon Device LC33832M Datasheet HTML 7Page - Sanyo Semicon Device LC33832M Datasheet HTML 8Page - Sanyo Semicon Device LC33832M Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
LC33832P, S, M, PL, SL, ML-70/80/10
No. 4430-6/9
Continued from preceding page.
Note : 5) To accomplish internal initialization, CE and OE/RFSH are fixed at VIH for an interval of 1 ms when VCC reaches the
specified voltage after power is switched on.
6) Measured at tT = 5 ns.
7) When measuring input signal timing, VIH (min) and VIL (max) are reference levels.
8) Measured using an equivalent of 100 pF and two standard TTL loads.
9) OE/RFSH input functions as output-enable input (OE) when CE = VIL, and as refresh input (RFSH) when CE = VIH.
10) tCHZ, tOHZ, and tWHZ are defined as the time until output enters the open circuit state and the output voltage level
becomes immeasurable.
11) As with ordinary static RAM, write data is incorporated at the rise of WE input or CE input, whichever is earlier, and
write data is therefore held during tDSW, tDSC, tDHW, or tDHC.
12) Because address input is incorporated at the fall of CE, the address is maintained during tASC or tAHC.
13) Auto-refresh and self-refresh are determined by OE/RFSH pulse width when CE = VIH, and are defined as auto-refresh
when below tFAP (max), or as self-refresh when above tFAS (min). In order to activate CE after the completion of each
refresh, tFCE must be assured for auto-refresh, or tFRS must be assured for self-refresh.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com