Electronic Components Datasheet Search
  English  ▼

X  

SS14L Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # SS14L
Description  LOW VF SURFACE MOUNT SCHOTTKY RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SS14L Datasheet(HTML) 2 Page - Pan Jit International Inc.

  SS14L Datasheet HTML 1Page - Pan Jit International Inc. SS14L Datasheet HTML 2Page - Pan Jit International Inc. SS14L Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
December 8,2010-REV.00
SS12L SERIES
Fig.3 Typical Reverse Characteristics
0.1
1
10
0
0.1
0.2
0.3
0.4
0.5
0.6
VF, Forward Voltage (V)
TJ = 125°C
TJ = 75°C
TJ = 25°C
TJ = 100°C
Fig.5 Typical Forward Characteristics
10
100
1000
0.1
1
10
100
VR, Reverse Bias Voltage (V)
Fig.2 Typical Junction Capacitance
0.0
0.2
0.4
0.6
0.8
1.0
0
25
50
75
100
125
TL, Lead Temperature (°C)
Fig.1 Forward Current Derating Curve
Mounted on P.C.B with 5x5mm
copper pad areas
Fig.4 Typical Reverse Characteristics
0.01
0.1
1
20
40
60
80
100
Percent of Rated Peak Reverse Voltage (%)
TJ = 25°C
20V
30V
40V
1
10
100
20
40
60
80
100
TJ = 100°C
20V
30V
40V
Percent of Rated Peak Reverse Voltage (%)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com