Electronic Components Datasheet Search
  English  ▼

X  

SS2020FL Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # SS2020FL
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SS2020FL Datasheet(HTML) 2 Page - Pan Jit International Inc.

  SS2020FL Datasheet HTML 1Page - Pan Jit International Inc. SS2020FL Datasheet HTML 2Page - Pan Jit International Inc. SS2020FL Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
REV.0.1-MAR.3.2009
SS2020FL~SS20100FL
0
25
50
75
100
125
150
175
2.0
1.5
1.0
0.5
0
LEAD TEMPERATURE, C
O
LEAD TEMPERATURE, C
O
0
20
40
60
10
4
10
4
10
3
10
3
10
2
10
2
10
1
0.1
REVERSE VOLTAGE,V (V)
R
REVERSE VOLTAGE,V (V)
R
SINGLE PHASE HALF WAVE 60Hz
RESTSTIVE OR INDUCTIVE LOAD
P.C.B MOUNTED
ON 0.2x0.2 (5.0x5.0mm)
COPPER PAD AREAS
,,
T125 C
J
O
T125 C
J
O
T75 C
J
O
T75 C
J
O
T25 C
J
O
T25 C
J
O
Rating and Characteristic Curves
Rating and Characteristic Curves
FIG. 1-FORWARD CURRENT DERATING CURVE
FIG. 2-TYPICAL REVERSE CHARACTERISTIC
FIG. 4-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
20
0.1
10
1.0
T= 25 C
PulseWidth= 300 s
1%Duty Cycle
J
O
m
20-40V
60V
100V
V ,REVERSE VOLTAGE(VOLTS)
R
V ,REVERSE VOLTAGE(VOLTS)
R
0
10
20
30
40
1000
100
0.1
10
T=25 C
J
O
T=25 C
J
O
FIG. 3-TYPICAL JUNCTION CHATACTERISTIC
20-40V
20 - 40V
60V
100V
0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com