Electronic Components Datasheet Search
  English  ▼

X  

ZRC400 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZRC400
Description  PRECISION 4.096 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZRC400 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZRC400 Datasheet HTML 1Page - Diodes Incorporated ZRC400 Datasheet HTML 2Page - Diodes Incorporated ZRC400 Datasheet HTML 3Page - Diodes Incorporated ZRC400 Datasheet HTML 4Page - Diodes Incorporated ZRC400 Datasheet HTML 5Page - Diodes Incorporated ZRC400 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ZRC400
ZRC400
Document number: DS32164 Rev. 5 - 2
1 of 6
www.diodes.com
June 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
PRECISION 4.096 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
Description
The ZRC400 uses a bandgap circuit design to achieve a
precision micropower voltage reference of 4.096 volts. The
device is available in a small outline surface mount package,
ideal for applications where space saving is important, as
well as packages for through hole requirements.
The ZRC400 design provides a stable voltage without an
external capacitor and is stable with capacitive loads. The
ZRC400 is recommended for operation between 23
μA and
5mA and so is ideally suited to low power and battery
powered applications.
Excellent
performance
is
maintained
to
an
absolute
maximum of 25mA, however the rugged design and 20 volt
processing allows the reference to withstand transient effects
and currents up to 200mA. Superior switching capability
allows the device to reach stable operating conditions in only
a few microseconds.
Features
•
Small outline SOT23 package
•
No stabilizing capacitor required
•
Low knee current, 18
μA typical
•
Typical TC 30ppm/°C
•
Typical slope resistance 0.4
Ω
•
1% tolerance
•
Industrial temperature range
•
Operating current 23
μA to 5mA
•
Transient response, stable in less than 10
μs
•
“Green” molding compound
Applications
•
Battery powered and portable equipment
•
Instrumentation
•
Test equipment
•
Metering and measurement systems
Pin Assignments
SOT23 Package Suffix - F
(Top View)
Pin 1 floating or connected to pin 1
E-Line, 3 pin Package Suffix - A
(Bottom View)
Pin 1 floating or connected to pin 3
Typical Application Circuit
OBSOLETE


Similar Part No. - ZRC400

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZRC400 ZETEX-ZRC400 Datasheet
71Kb / 5P
PRECISION 4.096 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
ZRC400 ZETEX-ZRC400 Datasheet
60Kb / 5P
PRECISION 4.096 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
ZRC400A01 ZETEX-ZRC400A01 Datasheet
71Kb / 5P
PRECISION 4.096 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
ZRC400A01 ZETEX-ZRC400A01 Datasheet
60Kb / 5P
PRECISION 4.096 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
ZRC400A02 ZETEX-ZRC400A02 Datasheet
71Kb / 5P
PRECISION 4.096 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
More results

Similar Description - ZRC400

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZRC250 ZETEX-ZRC250 Datasheet
83Kb / 5P
PRECISION 2.5 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
ZRC330 ZETEX-ZRC330 Datasheet
121Kb / 5P
PRECISION 3.3 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
ZRC400 ZETEX-ZRC400 Datasheet
71Kb / 5P
PRECISION 4.096 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
ZRC500 ZETEX-ZRC500 Datasheet
72Kb / 5P
PRECISION 5.0 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
ZRC250 ZETEX-ZRC250_03 Datasheet
61Kb / 5P
PRECISION 2.5 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
ZRC330 ZETEX-ZRC330_03 Datasheet
63Kb / 5P
PRECISION 3.3 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
ZRC400 ZETEX-ZRC400_03 Datasheet
60Kb / 5P
PRECISION 4.096 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
logo
Diodes Incorporated
ZRC250 DIODES-ZRC250 Datasheet
105Kb / 6P
PRECISION 2.5 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
Rev 5
ZRC330 DIODES-ZRC330 Datasheet
103Kb / 6P
PRECISION 3.3 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
Rev 6
ZRC500 DIODES-ZRC500 Datasheet
141Kb / 9P
PRECISION 5.0 VOLT LOW KNEE CURRENT VOLTAGE REFERENCE
Rev Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com