Electronic Components Datasheet Search
  English  ▼

X  

13892 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management and User Interface IC
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 6Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 7Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 8Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 9Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 10Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 11Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 12Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 13Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 156 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
13892
PIN CONNECTIONS
M4
M5
VSRTC
3.6
Output
SRTC Supply
Output regulator for SRTC module on
processor
M5
P6
GNDRTC
-
Ground
Real Time Clock
Ground
Ground for the RTC block
M6
M7
VINCAMDRV
5.5
I/O
Camera Regulator
Supply Input and Driver
Output
1. Input regulator camera using internal
PMOS FET.
2. Drive output regulator for camera voltage
using external PNP device.
M7
N8
PWGTDRV2
4.8
Output
Power Gate Driver 2
Power gate driver 2
M8
L9
VDIG
3.6
Output
Digital Supply
Output regulator digital
M9
P11
VINDIG
5.5
Input
VDIG Supply Input
Input regulator digital
M10
M10
VGEN1DRV
5.5
Output
VGEN1 Driver
Drive output GEN1 regulator
M11
N13
ADIN7
4.8
Input
ADC Channel 7 Input
ADC generic input channel 7, group 1
M12
M14
TSY1
3.6
Input
Touch Screen
Interface Y1
Touch screen interface Y1
M13, N12,
N13
N14
TSREF
3.6
Output
Touch Screen
Reference
Touch screen reference
N3
M2
VINGEN3DRV
5.5
Power/Output VGEN3 Supply Input
and Driver Output
1. Input VGEN3 regulator
2. Drive VGEN3 output regulator
N4
P4
VGEN2DRV
5.5
Output
VGEN2 Driver
Drive output GEN2 regulator
N5
N5
XTAL2
2.5
Input
Crystal Connection 2
32.768 kHz oscillator crystal connection 2
N6
N6
XTAL1
2.5
Input
Crystal Connection 1
32.768 kHz oscillator crystal connection 1
N7
L8
VINAUDIO
5.5
Power
Audio Supply Input
Input regulator VAUDIO
N8
N7
VAUDIO
3.6
Output
Audio Supply
Output regulator for audio
N9
N9
VIOHI
3.6
Output
High Voltage IO Supply Output regulator high voltage IO, efuse
N10
N10
VINIOHI
5.5
Input
High Voltage IO Supply
Input
Input regulator high voltage IO
N11
M11
VGEN1
3.6
Output
General Purpose
Regulator 1
Input GEN1 regulator
Table 2. 13892 Pin Definitions (continued)
A functional description of each pin can be found in the Functional Pin Description section beginning on page 32.
Pin Number
on the
13982VK
7x7 mm
Pin Number on
the 13982VL
12x12 mm
Pin Name
Rating
(V)
Pin Function
Formal Name
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com