Electronic Components Datasheet Search
  English  ▼

X  

13892 Datasheet(PDF) 108 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management and User Interface IC
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 108 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 104Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 105Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 106Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 107Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 108Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 109Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 110Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 111Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 112Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 156 page
background image
Analog Integrated Circuit Device Data
108
Freescale Semiconductor
13892
FUNCTIONAL DEVICE OPERATION
ADC SUBSYSTEM
a first order filtering of the signal across R1. Due to the sampling of the A to D converter and the filtering applied, the longer the
software waits before retrieving the information from the CC, the higher the accuracy. The capacitor will be connected between
the pins CFP and CFM, see Figure 31.
Figure 31. Coulomb Counter Block Diagram
The CC results are available in the 2's complement CCOUT[15:0] counter. This counter is preferably reflecting 1 Coulomb per
LSB. As a reminder, 1 Coulomb is the equivalent of 1 Ampere during 1 second, so a current of 20 mA during 1 hour is equivalent
to 72C. However, since the resolution of the A to D converter is much finer than 1C, the internal counts are first to be rescaled.
This can be done by setting the ONEC[14:0] bits. The CCOUT[15:0] counter is then increased by 1 with every ONEC[14:0] counts
of the A to D converter. For example, ONEC[14:0] = 000 1010 0011 1101 BIN = 2621 DEC yields 1C count per LSB of
CCOUT[15:0] with R1 = 20 mOhm.
The CC can be reset by setting the RSTCC bit. This will reset the digital blocks of the CC and will clear the CCOUT[15:0]
counter. The RSTCC bit gets automatically cleared at the end of the reset period which may take up to 40
μs. The CC is started
by setting the STARTCC bit. The CC is disabled by setting this bit low again. This will not reset the CC settings nor its counters,
so when restarting the CC with STARTCC, the count will continue.
When the CC is running it can be calibrated. An analog and a digital offset calibration is available. The digital portion of the
CC is by default permanently corrected for offset and gain errors. This function can be disabled by setting the CCCALDB bit.
However, this is not advisable.
In order to calibrate the analog portion of the CC, the CCCALA bit is set. This will disconnect the inputs of the CC from the
sense resistor and will internally short them together. The CCOUT[15:0] counter will accumulate the analog error over time. The
calibration period can be freely chosen by the implementer and depends on the accuracy required. By setting the ONEC[14:0] = 1
DEC this process is sped up significantly. By reading out the contents of the CCOUT[15:0] and taking into account the calibration
period, software can now calculate the error and account for it. Once the calibration period has finished the CCCALA bit should
be cleared again.
One optional feature is to apply a dithering to the A to D converter to avoid any error in the measurement due to repetitive
events. To enable dithering the CCDITHER bit should be set. In order for this feature to be operational, the digital calibration
should remain enabled, so the CCCALDB bit should not be set.
Table 98. Coulomb Counter Characteristics
Parameter
Condition
Min
Typ
Max
Unit
Sense resistor R1
Placed in Battery path of
Charger system
-
20
-
m
Ω
Sensed current
Through R1
±1.0
-
±3000
mA
On consumption
CC active
-
10
20
μA
Resolution
1LSB Increment
-
381.47
-
μC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com