Electronic Components Datasheet Search
  English  ▼

X  

ZSM560 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZSM560
Description  SUPPLY VOLTAGE MONITOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZSM560 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZSM560 Datasheet HTML 1Page - Diodes Incorporated ZSM560 Datasheet HTML 2Page - Diodes Incorporated ZSM560 Datasheet HTML 3Page - Diodes Incorporated ZSM560 Datasheet HTML 4Page - Diodes Incorporated ZSM560 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Issue
4 - July 2006
www.zetex.com
© Zetex Semiconductors plc 2006
02
4
6
810
-40 °C 25 °C
85 °C
100
200
400
300
500
02
0
0.8
1.6
2.0
0.4
1.2
0
10
20
30
-40 °C
25 °C
85 °C
00.4
2.0
0.8
1.2
1.6
0
40
60
80
20
-40 °C
25 °C
46
810
2
4
6
8
10
0
0
1
2
3
4
2
4
0
4
5
-40
-20
020
40
60
80
4.70
4.65
4.60
4.55
4.50
Temperature ( °C)
Forward Voltage (V)
Input Voltage
Upper Threshold
Lower Threshold
Input Current vs. Input Voltage
Output Voltage vs. Input Voltage
Output Saturation Voltage vs. Sink Current
Reset Delay Time
Clamp Diode Forward Current vs. Voltage
Threshold Voltage vs. Temperature
Input Voltage
Output Saturation Voltage (V)
(V)
(V)
Time (
µs)
0
100
RL=10K
T A=25 °C
R L=10K


Vin=4V
Vin=0V
85 °C
ZSM560
TYPICAL CHARACTERISTICS
4-361



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com