Electronic Components Datasheet Search
  English  ▼

X  

ZSM560C Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZSM560C
Description  SUPPLY VOLTAGE MONITOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZSM560C Datasheet(HTML) 2 Page - Diodes Incorporated

  ZSM560C Datasheet HTML 1Page - Diodes Incorporated ZSM560C Datasheet HTML 2Page - Diodes Incorporated ZSM560C Datasheet HTML 3Page - Diodes Incorporated ZSM560C Datasheet HTML 4Page - Diodes Incorporated ZSM560C Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Issue
4 - July 2006
www.zetex.com
© Zetex Semiconductors plc 2006
TEST CONDITIONS
(Tamb=25°C for typical values, Tamb=-40 to 85°C for min/max values (Note3))
COMPARATOR
PARAMETER
SYMBOL
MIN
TYP.
MAX.
UNITS
Threshold Voltage
High state output (Vcc increasing)
VIH
4.5
4.61
4.7
V
Threshold Voltage
Low state output (Vcc decreasing)
VIL
4.5
4.59
4.7
V
Hysteresis
VH
0.01
0.02
0.05
V
OUPUT
Output sink saturation:
VOL
(Vcc=4.0V, Isink=8.0mA)
0.46
1.0
V
(Vcc=4.0V, Isink=2.0mA)
0.15
0.4
V
(Vcc=1.0V, Isink=0.1mA)
0.25
V
Onstate output sink current
(Vcc , Output=4V)
Isink
10
20
60
mA
Offstate output leakage current
(Vcc , Output=5V)
Ioh
0.02
0.5
µA
Clamp diode forward voltage
(If=10mA)
Vf
0.61.21.5V
Propagation delay
(Vin 5V to 4V, Rl=10k, Tamb=25°C)
Td
1.5
µs
TOTAL DEVICE
Operating input voltage range
Vcc
1.0 to 6.5
V
Quiescent input current (Vcc=5V)
Iq
135
200
µA
Note:
1. Maximum package power dissipation must be observed.
2. Maximum power dissipation for the SOT223 package is calculated assuming that the device
is mounted on a PCB measuring 2 inches square.
3. Low duty cycle pulse techniques are used during test to maintain junction temperatures as
close to ambient as possible.
ZSM560
ABSOLUTE MAXIMUM RATING
Input Supply Voltage
-1 to 10V
Offstate Output Voltage
10V
Onstate Output
Sink Current(Note 1)
Internally limited
Clamp Diode
Forward Current(Note 1)
100mA
Operating Junction
Temperature
150°C
Operating Temperature
-40 to 85°C
Storage Temperature
-55 to 150°C
Power Dissipation
TO92
780mW
SOT223
2W(Note 2)
4-360



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com