Electronic Components Datasheet Search
  English  ▼

X  

ZTLV431 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZTLV431
Description  1.24V Cost effective shunt regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZTLV431 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZTLV431 Datasheet HTML 1Page - Diodes Incorporated ZTLV431 Datasheet HTML 2Page - Diodes Incorporated ZTLV431 Datasheet HTML 3Page - Diodes Incorporated ZTLV431 Datasheet HTML 4Page - Diodes Incorporated ZTLV431 Datasheet HTML 5Page - Diodes Incorporated ZTLV431 Datasheet HTML 6Page - Diodes Incorporated ZTLV431 Datasheet HTML 7Page - Diodes Incorporated ZTLV431 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Issue 7 - April 2008
4
www.zetex.com
© Zetex Semiconductors plc 2008
Typical characteristics
Ambient temperature (°C)
Power dissipation derating
350
300
250
200
150
100
50
-40
-25
-10
-5
20
35
50
65
80
95
110
125
Reference Current v Temperature
80
-40
-25
-10
5
20
35
50
65
80
95
110
125
90
100
110
120
130
140
Temperature (°C)
Minimum cathode current vs temperature
16
-40
-25
-10
5
20
35
50
65
80
95
110
125
18
20
22
24
26
Temperature (°C)
Dynamic impedance vs frequency
0.1
0.1
1
10
100
1
10
100
Frequency (kHz)
V
REF = VKA
I
K = 1mA
I
K = 10mA
Change in reference voltage vs Cathode voltage
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
0
1
8
6
4
2
0
Cathode voltage (V)
Reference voltage vs Temperature
1.232
-42
-25
-10
5
20
35
50
65
80
95
110
125
1.234
1.236
1.238
1.24
1.242
1.244
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com