Electronic Components Datasheet Search
  English  ▼

X  

ZTX455 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZTX455
Description  NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZTX455 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZTX455 Datasheet HTML 1Page - Diodes Incorporated ZTX455 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NPN SILICON PLANAR
MEDIUM POWER TRANSISTORS
ISSUE 2 – MARCH 1994
FEATURES
* 140 Volt VCEO
* 1 Amp continuous current
*Ptot= 1 Watt
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
ZTX454
ZTX455
UNIT
Collector-Base Voltage
VCBO
140
160
V
Collector-Emitter Voltage
VCEO
120
140
V
Emitter-Base Voltage
VEBO
5V
Peak Pulse Current
ICM
2A
Continuous Collector Current
IC
1A
Power Dissipation at Tamb=25°C
Ptot
1W
Operating and Storage Temperature Range
Tj:Tstg
-55 to +200
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C).
PARAMETER
SYMBOL
ZTX454
ZTX455
UNIT CONDITIONS.
MIN.
MAX. MIN.
MAX.
Collector-Base
Breakdown Voltage
V(BR)CBO
140
160
V
IC=100µA
Collector-Emitter
Sustaining Voltage
VCEO(sus) 120
140
V
IC=10mA*
Emitter-Base
Breakdown Voltage
V(BR)EBO
55V
IE=100µA
Collector Cut-Off
Current
ICBO
0.1
0.1
µ
A
µ
A
VCB=140V
VCB=120V
Emitter Cut-Off
Current
IEBO
0.1
0.1
µ
A
VEB=4V
Collector-Emitter
Saturation Voltage
VCE(sat)
0.7
1.0
0.7
V
IC=150mA, IB=15mA
IC=200mA, IB=20mA
Static Forward
Current Transfer
Ratio
hFE
100
30
10†
300
100
10†
300
IC=150mA, VCE=10V*
IC=200mA, VCE=1V*
IC=1A, VCE=10V*
Transition
Frequency
fT
100
100
MHz
IC=50mA, VCE=10V
f=100MHz
Output Capacitance
Cobo
15
15
pF
VCB=10V, f=1MHz
* Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤ 2%
† Typical
E-Line
TO92 Compatible
ZTX454
ZTX455
3-179
C
B
E
TYPICAL CHARACTERISTICS
VCE(sat) v IC
IC - Collector Current (Amps)
IC - Collector Current (Amps)
IC - Collector Current (Amps)
hFE v IC
VBE(sat) v IC
IC - Collector Current (Amps)
VBE(on) v IC
VCE - Collector Voltage (Volts)
Safe Operating Area
100
110
0.001
0.01
0.1
1
Single Pulse Test at Tamb=25°C
D.C.
1s
100ms
10ms
1.0ms
100µs
0.001
0.01
10
0.1
1
20
40
60
80
100
0.2
0.001
0.1
1
0.4
0.6
1.0
0
0.001
0.01
1
0.1
0.1
0.2
0.3
0.4
VCE=10V
IC/IB=10
IC/IB=10
Typical Switching Speeds
IC - Collector Current (Amps)
0.1
1
0.01
tf
100
0
td
nS
50
0.01
0.0001
0.001
1
0.01
0.1
0.6
0.8
1.0
1.2
VCE=10V
0.4
0.8
ZTX454
ZTX455
tf
ns
900
tr
ns
300
200
100
400
500
0
600
500
400
700
800
300
ts
µS
1000
ts
td
tr
0
3
2
1
6
5
4
7
IB1=IB2=IC/10
VCE=10V
ZTX454
ZTX455
3-180



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com