Electronic Components Datasheet Search
  English  ▼

X  

ZTX552 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZTX552
Description  PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZTX552 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZTX552 Datasheet HTML 1Page - Diodes Incorporated ZTX552 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PNP SILICON PLANAR
MEDIUM POWER TRANSISTORS
ISSUE 1 – MARCH 94
FEATURES
* 100 Volt VCEO
* 1 Amp continuous current
*Ptot=1 Watt
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
ZTX552
ZTX553
UNIT
Collector-Base Voltage
VCBO
-100
-120
V
Collector-Emitter Voltage
VCEO
-80
-100
V
Emitter-Base Voltage
VEBO
-5
V
Peak Pulse Current
ICM
-2
A
Continuous Collector Current
IC
-1
A
Power Dissipation: at Tamb=25°C
derate above 25°C
Ptot
1
5.7
W
mW/ °C
Operating and Storage Temperature Range
Tj:Tstg
-55 to +200
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C).
PARAMETER
SYMBOL
ZTX552
ZTX553
UNIT CONDITIONS.
MIN.
MAX. MIN.
MAX.
Collector-Base
Breakdown Voltage
V(BR)CBO
-100
-120
V
IC=-100µA
Collector-Emitter
Sustaining Voltage
VCEO(sus) -80
-100
V
IC=-10mA
Emitter-Base
Breakdown Voltage
V(BR)EBO
-5
-5
V
IE=-100µA
Collector Cut-Off
Current
ICBO
-0.1
-0.1
µ
A
VCB=-80V
VCB=-100V
Emitter Cut-Off Current IEBO
-0.1
-0.1
µ
A
VEB=-4V
Collector-Emitter
Saturation Voltage
VCE(sat)
-0.25
-0.25
V
IC=-150mA, IB=-15mA*
Base-Emitter
Saturation Voltage
VBE(sat)
-1.1
-1.1
V
IC=-150mA, IB=-15mA*
Base-Emitter
Turn-onn Voltage
VBE(on)
-1.0
-1.0
V
IC=-150mA, VCE=-10V*
Static Forward Current
Transfer Ratio
hFE
40
10
150
40
10
200
IC=-150mA, VCE=-10V*
IC=-1A, VCE=-10V*
Transition Frequency
fT
150
150
MHz
IC=-50mA, VCE=-10V
f=100MHz
Output Capacitance
Cobo
12
12
MHz
VCB=-10V, f=1MHz
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤2%
E-Line
TO92 Compatible
ZTX552
ZTX553
3-196
C
B
E
TYPICAL CHARACTERISTICS
VCE(sat) v IC
IC - Collector Current (Amps)
IC - Collector Current (Amps)
IC - Collector Current (Amps)
hFE v IC
VBE(sat) v IC
IC - Collector Current (Amps)
VBE(on) v IC
VCE - Collector Voltage (Volts)
Safe Operating Area
-0.1
-100
-1
-10
-0.01
-0.1
-1
-10
Single Pulse Test at Tamb=25°C
D.C.
1s
100ms
10ms
1.0ms
100µs
-0.001
-0.01
-10
-0.1
-1
20
40
60
80
100
-0.2
-0.001
-0.1
-1
-0.4
-0.6
-1.0
0
-0.001
-0.01
-1
-0.1
-0.2
-0.4
-0.6
-0.8
VCE=-10V
IC/IB=10
IC/IB=10
Switching Speeds
IC - Collector Current (Amps)
-0.1
-1
IB1=IB2=IC/10
-0.01
ts
tf
td
tr
3
2
1
0
ts
µS
td
ns
60
40
20
80
100
0
tr
ns
120
80
40
160
200
0
600
400
200
0
tf
nS
100
-0.01
-0.0001
-0.001
-1
-0.01
-0.1
-0.6
-0.8
-1.0
-1.2
VCE=-10V
-0.4
-0.8
ZTX552
ZTX553
ZTX552
ZTX553
3-197



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com