Electronic Components Datasheet Search
  English  ▼

X  

ZTX653 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZTX653
Description  NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZTX653 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZTX653 Datasheet HTML 1Page - Diodes Incorporated ZTX653 Datasheet HTML 2Page - Diodes Incorporated ZTX653 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ZTX652
ZTX653
TYPICAL CHARACTERISTICS
VCE(sat) v IC
IC - Collector Current (Amps)
VCE - Collector Voltage (Volts)
Safe Operating Area
1
10
100
0.01
0.1
1
10
Single Pulse Test at Tamb=25°C
D.C.
1s
100ms
10ms
1.0ms
100µs
0.01
0.1
10
1
IC - Collector Current (Amps)
VBE(sat) v IC
IC - Collector Current (Amps)
hFE v IC
0.01
10
0.1
1
VCE=2V
0.6
0.8
1.0
1.2
IC - Collector Current (Amps)
VBE(on) v IC
Switching Speeds
IC - Collector Current (Amps)
0.1
1
IB1=IB2=IC/10
0.01
ts
tf
td
tr
ts
ns
125
175
225
75
0.6
0.8
1.0
1.2
0.4
ZTX652
0
0.1
0.2
0.4
0.5
0.3
0.6
0.001
0.0001
IC/IB=10
1.4
0.01
10
0.1
1
0.0001
0.001
IC/IB=10
0.01
10
0.1
1
0.0001
0.001
VCE=2V
0
td
tr
tf
ns
200
240
80
40
120
160
280
0
2000
2400
800
400
1200
1600
2800
0.1
ZTX653
25
3-224



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com