Electronic Components Datasheet Search
  English  ▼

X  

ZTX694B Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZTX694B
Description  NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZTX694B Datasheet(HTML) 1 Page - Diodes Incorporated

  ZTX694B Datasheet HTML 1Page - Diodes Incorporated ZTX694B Datasheet HTML 2Page - Diodes Incorporated ZTX694B Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICON PLANAR MEDIUM POWER
HIGH GAIN TRANSISTOR
ISSUE 1 – APRIl 94
FEATURES
* 120 Volt VCEO
* Gain of 400 at IC=200mA
* Very low saturation voltage
APPLICATIONS
* Darlington replacement
* Relay / solenoid driver
* Battery powered circuits
* Motor drivers
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
120
V
Collector-Emitter Voltage
VCEO
120
V
Emitter-Base Voltage
VEBO
5V
Peak Pulse Current
ICM
1A
Continuous Collector Current
IC
0.5
A
Practical Power Dissipation*
Ptotp
1.5
W
Power Dissipation
Tamb=25°C
derate above 25°C
Ptot
1
5.7
W
mW/°C
Operating and Storage Temperature Range
Tj:Tstg
-55 to +200
°C
*The power which can be dissipated assuming the device is mounted in a typical manner on a
P.C.B. with copper equal to 1 inch square minimum
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C)
PARAMETER
SYMBOL
MIN.
TYP.
MAX. UNIT CONDITIONS.
Collector-Base Breakdown
Voltage
V(BR)CBO
120
V
IC=100µA
Collector-Emitter Breakdown
Voltage
V(BR)CEO
120
V
IC=10mA*
Emitter-Base Breakdown
Voltage
V(BR)EBO
5V
IE=100µA
Collector Cut-Off Current
ICBO
0.1
µ
A
VCB=100V
Emitter Cut-Off Current
IEBO
0.1
µ
A
VEB=4V
Collector-Emitter Saturation
Voltage
VCE(sat)
0.25
0.5
V
V
IC=100mA, IB=0.5mA*
IC=400mA, IB=5mA*
Base-Emitter
Saturation Voltage
VBE(sat)
0.9
V
IC=1A, IB=10mA*
Base-Emitter
Turn-On Voltage
VBE(on)
0.9
V
IC=1A, VCE=2V*
Static Forward Current
Transfer Ratio
hFE
500
400
150
IC=100mA, VCE=2V*
IC=200mA, VCE=2V*
IC=400mA, VCE=2V*
E-Line
TO92 Compatible
ZTX694B
3-244
C
B
E
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C)
PARAMETER
SYMBOL
MIN.
TYP.
MAX. UNIT CONDITIONS.
Transition Frequency
fT
130
MHz
IC=50mA, VCE=5V
f=50MHz
Input Capacitance
Cibo
200
pF
VEB=0.5V, f=1MHz
Output Capacitance
Cobo
9pF
VCB=10V, f=1MHz
Switching Times
ton
toff
80
2900
ns
ns
IC=100mA, IB!=10mA
IB2=10mA, VCC=50V
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤2%
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
MAX.
UNIT
Thermal Resistance:Junction to Ambient1
Junction to Ambient2
Junction to Case
Rth(j-amb)1
Rth(j-amb)2†
Rth(j-case)
175
116
70
°C/W
°C/W
°C/W
† Device mounted on P.C.B. with copper equal to 1 sq. Inch minimum.
ZTX694B
-40
0.0001
Derating curve
T -Temperature (°C)
Maximum transient thermal impedance
Pulse Width (seconds)
10
100
1
0.1
0.01
-20
0
20 40
60 80 100 120
200
180
160
140
0.001
0
100
200
D=0.2
D=0.1
Single Pulse
D=0.5
t1
tP
D=t1/tP
1.0
0.5
2.0
1.5
Case
temperature
2.5
Ambient
temperat
ure
0
D=1 (D.C.)
3-245


Similar Part No. - ZTX694B

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZTX694B ZETEX-ZTX694B Datasheet
63Kb / 3P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Diodes Incorporated
ZTX694B DIODES-ZTX694B_15 Datasheet
75Kb / 3P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
APRIL 1994
More results

Similar Description - ZTX694B

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT1048A ZETEX-FZT1048A Datasheet
132Kb / 3P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
ZTX1055A ZETEX-ZTX1055A Datasheet
123Kb / 4P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
FXT690B ZETEX-FXT690B Datasheet
50Kb / 2P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
GTM CORPORATION
GL1501A GTM-GL1501A Datasheet
477Kb / 2P
NPN SILICON PLANAR MEDIUM POWER high gain TRANSISTOR
logo
Guangdong Kexin Industr...
FZT688B KEXIN-FZT688B Datasheet
37Kb / 2P
NPN Silicon Planar Medium Power High Gain Transistor
logo
Diodes Incorporated
ZTX618 DIODES-ZTX618 Datasheet
159Kb / 4P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
JULY 1995
ZTX696B DIODES-ZTX696B Datasheet
64Kb / 3P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
NOVEMBER 1995
ZTX690BSTZ DIODES-ZTX690BSTZ Datasheet
74Kb / 3P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
MAY 1994
logo
List of Unclassifed Man...
ZTX618STZ ETC2-ZTX618STZ Datasheet
159Kb / 4P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
logo
Diodes Incorporated
ZTX1048A DIODES-ZTX1048A_15 Datasheet
118Kb / 4P
NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
FEBRUARY 1995
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com