Electronic Components Datasheet Search
  English  ▼

X  

ZTX751 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZTX751
Description  PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZTX751 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZTX751 Datasheet HTML 1Page - Diodes Incorporated ZTX751 Datasheet HTML 2Page - Diodes Incorporated ZTX751 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP SILICON PLANAR
MEDIUM POWER TRANSISTORS
ISSUE
3 – JULY 2005
FEATURES
*
60 Volt V
CEO
*
2 Amp continuous current
*
Low saturation voltage
*P
tot= 1 Watt
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
ZTX750
ZTX751
UNIT
Collector-Base Voltage
V
CBO
-60
-80
V
Collector-Emitter Voltage
V
CEO
-45
-60
V
Emitter-Base Voltage
V
EBO
-5
V
Peak Pulse Current
I
CM
-6
A
Continuous Collector Current
I
C
-2
A
Power Dissipation: at T
amb=25°C
derate above 25°C
P
tot
1
5.7
W
mW/°C
Operating and Storage Temperature Range
T
j:Tstg
-55 to +200
°C
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated)
PARAMETER
SYMBOL
ZTX750
ZTX751
UNIT CONDITIONS.
MIN.
TYP.
MAX. MIN.
TYP.
MAX.
Collector-Base
Breakdown
Voltage
V
(BR)CBO
-60
-80
V
I
C=-100µA
Collector-Emitter
Breakdown
Voltage
V
(BR)CEO
-45
-60
V
I
C=-10mA
Emitter-Base
Breakdown
Voltage
V
(BR)EBO
-5
-5
V
I
E=-100µA
Collector Cut-Off
Current
I
CBO
-0.1
-10
-0.1
-10
µA
µA
µA
µA
V
CB=-45V
V
CB=-60V
V
CB=-45V,Tamb=100°C
V
CB=-60V,Tamb=100°C
Emitter Cut-Off
Current
I
EBO
-0.1
-0.1
µA
V
EB=-4V
Collector-Emitter
Saturation Voltage
V
CE(sat)
-0.15
-0.28
-0.3
-0.5
-0.15
-0.28
-0.3
-0.5
V
V
I
C=-1A, IB=-100mA
I
C=-2A, IB=-200mA
Base-Emitter
Saturation Voltage
V
BE(sat)
-0.9
-1.25
-0.9
-1.25
V
I
C=-1A, IB=-100mA
Base-Emitter
Turn-On Voltage
V
BE(on)
-0.8
-1
-0.8
-1
V
IC=-1A, V
CE=-2V
Static Forward
Current Transfer
Ratio
h
FE
70
100
80
40
200
200
170
80
300
70
100
80
40
200
200
170
80
300
I
C=-50mA, VCE=-2V*
I
C=-500mA,VCE=-2V*
I
C=-1A, VCE=-2V*
I
C=-2A, VCE=-2V*
Switching Times
t
on
45
45
I
C=500mA, VCC=10V
I
B1=IB2=50mA
t
off
800
800
Output Capacitance
C
obo
30
30
pF
V
CB=10V f=1MHz
ZTX750
ZTX751
3-257
C
B
E
E-Line
TO92 Compatible
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL
ZTX750
ZTX751
UNIT CONDITIONS.
MIN.
TYP.
MAX
.
MIN.
TYP.
MAX
.
Transition
Frequency
f
T
100
140
100
140
MHz
I
C=-100mA, VCE=-5V
f=100MHz
Switching Times
t
on
40
40
ns
I
C=-500mA,
V
CC=-10V
I
B1=IB2=-50mA
t
off
450
450
ns
Output
Capacitance
C
obo
30
30
pF
V
CB=10V f=1MHz
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ® 2%
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
MAX.
UNIT
Thermal Resistance:Junction to Ambient
1
Junction to Ambient
2
Junction to Case
R
th(j-amb)1
R
th(j-amb)2 †
R
th(j-case)
175
116
70
°C/W
°C/W
°C/W
† Device mounted on P.C.B. with copper equal to 1 sq. Inch minimum.
ZTX750
ZTX751
-40
0.0001
Derating curve
T -Temperature (°C)
Maximum transient thermal impedance
Pulse Width (seconds)
10
100
1
0.1
0.01
-20
0
20 40
60 80 100 120
200
180
160
140
0.001
0
100
200
D=0.2
D=0.1
Single Pulse
D=0.5
t1
tP
D=t1/tP
1.0
0.5
2.0
1.5
Case
temperature
2.5
Ambient
temperat
ure
0
D=1 (D.C.)
3-258


Similar Part No. - ZTX751

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZTX751 ZETEX-ZTX751 Datasheet
61Kb / 3P
PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Diodes Incorporated
ZTX751 DIODES-ZTX751 Datasheet
375Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN E-LINE
Rev 3
logo
Inchange Semiconductor ...
ZTX751 ISC-ZTX751 Datasheet
292Kb / 3P
Silicon PNP Power Transistor
2023-9-20
logo
Diodes Incorporated
ZTX751QSTZ DIODES-ZTX751QSTZ Datasheet
375Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN E-LINE
Rev 3
ZTX751STZ DIODES-ZTX751STZ Datasheet
375Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN E-LINE
Rev 3
More results

Similar Description - ZTX751

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
2N6726 ZETEX-2N6726 Datasheet
50Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
ZTX549 ZETEX-ZTX549 Datasheet
56Kb / 3P
PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
ZTX554 ZETEX-ZTX554 Datasheet
56Kb / 2P
PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
List of Unclassifed Man...
2N6728 ETC-2N6728 Datasheet
28Kb / 1P
PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Diodes Incorporated
ZTX549 DIODES-ZTX549 Datasheet
64Kb / 3P
PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
MARCH 1994
ZTX550 DIODES-ZTX550 Datasheet
96Kb / 2P
PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
MARCH 1994
ZTX552 DIODES-ZTX552 Datasheet
59Kb / 2P
PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
MARCH 1994
ZTX754 DIODES-ZTX754 Datasheet
83Kb / 2P
PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
JULY 1994
ZTX549 DIODES-ZTX549_15 Datasheet
64Kb / 3P
PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
MARCH 1994
ZTX552 DIODES-ZTX552_15 Datasheet
59Kb / 2P
PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
MARCH 1994
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com