Electronic Components Datasheet Search
  English  ▼

X  

ZTX752 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZTX752
Description  PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZTX752 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZTX752 Datasheet HTML 1Page - Diodes Incorporated ZTX752 Datasheet HTML 2Page - Diodes Incorporated ZTX752 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PNP SILICON PLANAR
MEDIUM POWER TRANSISTORS
ISSUE 2 – JULY 94
FEATURES
* 100 Volt VCEO
* 2 Amp continuous current
* Low saturation voltage
*Ptot=1 Watt
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
ZTX752
ZTX753
UNIT
Collector-Base Voltage
VCBO
-100
-120
V
Collector-Emitter Voltage
VCEO
-80
-100
V
Emitter-Base Voltage
VEBO
-5
V
Peak Pulse Current
ICM
-6
A
Continuous Collector Current
IC
-2
A
Power Dissipation at Tamb=25°C
derate above 25°C
Ptot
1
5.7
W
mW/°C
Operating and Storage Temperature Range
Tj:Tstg
-55 to +200
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL
ZTX752
ZTX753
UNIT CONDITIONS.
MIN. TYP. MAX. MIN. TYP. MAX.
Collector-Base
Breakdown
Voltage
V(BR)CBO -100
-120
V
IC=-100µA
Collector-Emitter
Breakdown
Voltage
V(BR)CEO -80
-100
V
IC=-10mA*
Emitter-Base
Breakdown
Voltage
V(BR)EBO -5
-5
V
IE=-100µA
Collector Cut-Off
Current
ICBO
-0.1
-10
-0.1
-10
µ
A
µ
A
µ
A
µ
A
VCB=-80V
VCB=-100V
VCB=-80V,Tamb=100°C
VCB=-100V,Tamb=100°C
Emitter Cut-Off
Current
IEBO
-0.1
-0.1
µ
A
VEB=-4V
Collector-Emitter
Saturation Voltage
VCE(sat)
-0.17
-0.30
-0.3
-0.5
-0.17
-0.30
-0.3
-0.5
V
V
IC=-1A, IB=-100mA*
IC=-2A, IB=-200mA*
Base-Emitter
Saturation Voltage
VBE(sat)
-0.9
-1.25
-0.9
-1.25 V
IC=-1A, IB=-100mA*
Base-Emitter
Turn-On Voltage
VBE(on)
-0.8
-1
-0.8
-1
V
IC=-1A, VCE=-2V*
ZTX752
ZTX753
3-260
C
B
E
E-Line
TO92 Compatible
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C).
PARAMETER
SYMBOL
ZTX752
ZTX753
UNIT CONDITIONS.
MIN. TYP. MAX. MIN. TYP. MAX.
Transition
Frequency
fT
100
140
100
140
MHz IC=-100mA, VCE=-5V
f=100MHz
Switching Times
ton
40
40
ns
IC=-500mA, VCC=-10V
IB1=IB2=-50mA
toff
600
600
ns
Output
Capacitance
Cobo
30
30
pF
VCB=10V f=1MHz
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤ 2%
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
MAX.
UNIT
Thermal Resistance:Junction to Ambient1
Junction to Ambient2
Junction to Case
Rth(j-amb)1
Rth(j-amb)2†
Rth(j-case)
175
116
70
°C/W
°C/W
°C/W
† Device mounted on P.C.B. with copper equal to 1 sq. Inch minimum.
ZTX752
ZTX753
-40
0.0001
Derating curve
T -Temperature (°C)
Maximum transient thermal impedance
Pulse Width (seconds)
10
100
1
0.1
0.01
-20
0
20 40
60 80 100 120
200
180
160
140
0.001
0
100
200
D=0.2
D=0.1
Single Pulse
D=0.5
t1
tP
D=t1/tP
1.0
0.5
2.0
1.5
Case
temperature
2.5
Ambient
temperat
ure
0
D=1 (D.C.)
3-261



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com