Electronic Components Datasheet Search
  English  ▼

X  

LC4102C Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC4102C
Description  LCD Dot Matrix Common Driver for STN Displays
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC4102C Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC4102C Datasheet HTML 1Page - Sanyo Semicon Device LC4102C Datasheet HTML 2Page - Sanyo Semicon Device LC4102C Datasheet HTML 3Page - Sanyo Semicon Device LC4102C Datasheet HTML 4Page - Sanyo Semicon Device LC4102C Datasheet HTML 5Page - Sanyo Semicon Device LC4102C Datasheet HTML 6Page - Sanyo Semicon Device LC4102C Datasheet HTML 7Page - Sanyo Semicon Device LC4102C Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Pad Assignment
No. 5789-5/8
LC4102C
V4
V4
V4
V1
V1
V1
V0
V0
V0
NC
NC
VEE
VEE
VEE
VSSH
VSSH
VSSH
NC
DIO160
NC
NC
DMIN
NC
NC
DIO1
NC
VSS
VSS
VSS
NC
LOAD
NC
VSS
VSS
VSS
NC
DF
NC
NC
DISP
NC
VDD
VDD
VDD
NC
RSLS
NC
NC
MODE
NC
VSSH
VSSH
VSSH
VEE
VEE
VEE
NC
NC
V0
V0
V0
V1
V1
V1
V4
V4
V4
OUT1
OUT2
OUT159
OUT160
Chip size: 15.75 mm
× 1.95 mm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com