Electronic Components Datasheet Search
  English  ▼

X  

VLHW4100 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VLHW4100
Description  Ultrabright White LED, Ø 3 mm
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLHW4100 Datasheet(HTML) 3 Page - Vishay Siliconix

  VLHW4100 Datasheet HTML 1Page - Vishay Siliconix VLHW4100 Datasheet HTML 2Page - Vishay Siliconix VLHW4100 Datasheet HTML 3Page - Vishay Siliconix VLHW4100 Datasheet HTML 4Page - Vishay Siliconix VLHW4100 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number 85198
Rev. 1.0, 13-Jul-10
www.vishay.com
3
Vishay Semiconductors
VLHW4100
For technical support, please contact: LED@vishay.com
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Figure 1. Forward Current vs. Ambient Temperature
Figure 2. Relative Luminous Intensity vs. Angular Displacement
Figure 3. Relative Intensity vs. Wavelength
Tamb - Ambient Temperature (°C)
22168
0
20
10
30
0
20406080
100
0.4
0.2
0
22181
0.6
0.9
0.8
0°
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
λ - Wavelength (nm)
22169
0
0.2
0.4
0.6
0.8
1.0
1.2
400
450
500
550
600
650
700
Figure 4. Forward Current vs. Forward Voltage
Figure 5. Relative Luminous Flux vs. Forward Current
Figure 6. Coordinates of Colorgroups
VF - Forward Voltage (V)
22170
1
10
100
012345
0.01
0.1
1
10
110
100
22171
IF - Forward Current (mA)
22182
YU
YL
XU
XL
WU
WL
VU
VL
UU
UL
0.37
0.39
0.35
0.33
0.31
0.29
0.27
0.37
0.35
0.33
0.31
0.29
0.27
X Coordinates



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com