Electronic Components Datasheet Search
  English  ▼

X  

ZTX795A Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZTX795A
Description  PNP SILICON PLANAR MEDIUM POWER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZTX795A Datasheet(HTML) 3 Page - Diodes Incorporated

  ZTX795A Datasheet HTML 1Page - Diodes Incorporated ZTX795A Datasheet HTML 2Page - Diodes Incorporated ZTX795A Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ZTX795A
D.C.
1s
100ms
10ms
1.0ms
0.1ms
0.01
0.1
1
10
0.8
0.6
0
1.6
0.01
0.1
1
10
0.01
0.1
1
10
1.0
0.8
0.6
0.4
0.2
1.6
1.4
1.2
0.01
0.1
1
10
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
TYPICAL CHARACTERISTICS
VCE(sat) v IC
IC - Collector Current (Amps)
VCE(sat) v IC
IC - Collector Current (Amps)
IC - Collector Current (Amps)
IC - Collector Current (Amps)
hFE v IC
VBE(sat) v IC
IC - Collector Current (Amps)
VBE(on) v IC
750
500
250
VCE - Collector Voltage (Volts)
Safe Operating Area
11000
10
100
0.001
0.01
0.1
1
Single Pulse Test at Tamb=25°C
Tamb=25°C
-55°C
+25°C
+100°C
+175°C
0
+100°C
+25°C
-55°C
0.01
0.1
1
10
1.0
0.8
0.6
0.4
0
0.2
1.6
1.4
1.2
-55°C
+25°C
+100°C
+175°C
1.8
1.4
1.2
1.0
0.4
0.2
0.8
0.6
0
1.6
1.8
1.4
1.2
1.0
0.4
0.2
-55°C
+25°C
+100°C
0.001
IC/IB=10
IC/IB=40
IC/IB=20
0.001
IC/IB=40
VCE=2V
VCE=2V
IC/IB=10
3-287



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com