Electronic Components Datasheet Search
  English  ▼

X  

LC4966 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC4966
Description  Quad Bilateral Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC4966 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC4966 Datasheet HTML 1Page - Sanyo Semicon Device LC4966 Datasheet HTML 2Page - Sanyo Semicon Device LC4966 Datasheet HTML 3Page - Sanyo Semicon Device LC4966 Datasheet HTML 4Page - Sanyo Semicon Device LC4966 Datasheet HTML 5Page - Sanyo Semicon Device LC4966 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
No. 1536-2/6
LC4966
Equivalent Circuit
(1/4 LC4966)
Pin Assignment and Equivalent Circuit Block Diagram
Electrical Characteristics at Ta = 25 ± 2°C, VSS = 0 V
Parameter
Symbol
Conditions
min
typ
max
Unit
VDD = 5 V,
3.5
V
for a current between input and output > 10 µA
VDD = 10 V,
8.0
V
for a current between input and output > 10 µA
VDD = 15 V,
12.5
V
Input high-level control voltage
VIH
for a current between input and output > 10 µA
VDD = 20 V,
17.0
V
for a current between input and output > 10 µA
VDD = 30 V,
27.0
V
for a current between input and output > 10 µA
VDD = 37 V,
34.0
V
for a current between input and output > 10 µA
VDD = 5 V,
1.0
V
for a current between input and output < 10 µA
VDD = 10 V,
2.0
V
for a current between input and output < 10 µA
VDD = 15 V,
2.5
V
Input low-level control voltage
VIL
for a current between input and output < 10 µA
VDD = 20 V,
2.5
V
for a current between input and output < 10 µA
VDD = 30 V,
3.0
V
for a current between input and output < 10 µA
VDD = 37 V,
3.0
V
for a current between input and output < 10 µA
Continued on next page.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com