Electronic Components Datasheet Search
  English  ▼

X  

ZUMT718 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZUMT718
Description  Super323 SOT323 PNP SILICON POWER (SWITCHING) TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZUMT718 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZUMT718 Datasheet HTML 1Page - Diodes Incorporated ZUMT718 Datasheet HTML 2Page - Diodes Incorporated ZUMT718 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Super323
 SOT323 PNP SILICON POWER
(SWITCHING) TRANSISTOR
ISSUE 2 - JUNE 2000
FEATURES
*
500mW POWER DISSIPATION
*
I
C CONT 1A
*
3A Peak Pulse Current
*
Excellent H
FE Characteristics Up To 3A (pulsed)
*
Extremely Low Saturation Voltage
*
Extremely Low Equivalent On Resistance; R
CE(sat)
APPLICATIONS
*
Switch functions in LED displays and Satellite receivers
*
Negative boost functions in DC-DC converters
DEVICE TYPE
COMPLEMENT
PARTMARKING
R
CE(sat)
ZUMT718
ZUMT618
T72
200m
 at 1A
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-20
V
Collector-Emitter Voltage
VCEO
-20
V
Emitter-Base Voltage
VEBO
-5
V
Peak Pulse Current**
ICM
-3
A
Continuous Collector Current
IC
-1
A
Base Current
IB
-200
mA
Power Dissipation at Tamb=25°C*
Ptot
385 †
500 ‡
mW
Operating and Storage Temperature
Range
Tj:Tstg
-55 to +150
°C
†
Recommended Ptot calculated using FR4 measuring 10 x 8 x 0.6mm (still air).
‡
Maximum power dissipation is calculated assuming that the device is mounted on FR4
size 25x25x0.6mm and using comparable measurement methods adopted by other suppliers.
ZUMT718
37


Similar Part No. - ZUMT718

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZUMT718 ZETEX-ZUMT718 Datasheet
52Kb / 3P
PNP SILICON POWER (SWITCHING) TRANSISTOR
logo
Diodes Incorporated
ZUMT718 DIODES-ZUMT718 Datasheet
62Kb / 3P
Super323 SOT323 PNP SILICON POWER (SWITCHING) TRANSISTOR 3A Peak Pulse Current
JUNE 2000
ZUMT718TA DIODES-ZUMT718TA Datasheet
62Kb / 3P
Super323 SOT323 PNP SILICON POWER (SWITCHING) TRANSISTOR 3A Peak Pulse Current
JUNE 2000
ZUMT718 DIODES-ZUMT718_15 Datasheet
806Kb / 6P
20V PNP POWER SWITCHING TRANSISTOR IN SOT323
Rev 3
More results

Similar Description - ZUMT718

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZUMT2907A ZETEX-ZUMT2907A Datasheet
28Kb / 2P
SOT323 PNP SILICON PLANAR SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZUMT618 DIODES-ZUMT618 Datasheet
129Kb / 3P
Super323횚 SOT323 NPN SILICON POWER(SWITCHING) TRANSISTOR
SEPTEMBER 1998
ZUMT717 DIODES-ZUMT717 Datasheet
152Kb / 3P
Super323횚 SOT323 PNP SILICON POWER (SWITCHING) TRANSISTOR
SEPTEMBER 1998
ZUMT720 DIODES-ZUMT720 Datasheet
144Kb / 3P
Super323횚 SOT323 PNP SILICON POWER (SWITCHING) TRANSISTOR
SEPTEMBER 1998
ZUMT718TA DIODES-ZUMT718TA Datasheet
62Kb / 3P
Super323 SOT323 PNP SILICON POWER (SWITCHING) TRANSISTOR 3A Peak Pulse Current
JUNE 2000
ZUMT2907A DIODES-ZUMT2907A Datasheet
29Kb / 2P
SOT323 PNP SILICON PLANAR SWITCHING TRANSISTOR
OCTOBER 1998
ZUMT807 DIODES-ZUMT807 Datasheet
29Kb / 1P
SOT323 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
FEBRUARY 1999
ZUMT720 DIODES-ZUMT720_15 Datasheet
144Kb / 3P
Super323횚 SOT323 PNP SILICON POWER (SWITCHING) TRANSISTOR
SEPTEMBER 1998
ZUMT718 DIODES-ZUMT718_15 Datasheet
806Kb / 6P
20V PNP POWER SWITCHING TRANSISTOR IN SOT323
Rev 3
ZUMT717 DIODES-ZUMT717_15 Datasheet
376Kb / 7P
12V PNP POWER SWITCHING TRANSISTOR IN SOT323
Rev 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com