Electronic Components Datasheet Search
  English  ▼

X  

ZXCT1010 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXCT1010
Description  ENHANCED HIGH-SIDE CURRENT MONITOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1010 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXCT1010 Datasheet HTML 1Page - Diodes Incorporated ZXCT1010 Datasheet HTML 2Page - Diodes Incorporated ZXCT1010 Datasheet HTML 3Page - Diodes Incorporated ZXCT1010 Datasheet HTML 4Page - Diodes Incorporated ZXCT1010 Datasheet HTML 5Page - Diodes Incorporated ZXCT1010 Datasheet HTML 6Page - Diodes Incorporated ZXCT1010 Datasheet HTML 7Page - Diodes Incorporated ZXCT1010 Datasheet HTML 8Page - Diodes Incorporated ZXCT1010 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
ISSUE 10 - JULY 2007
SEMICO NDUC TORS
ZXCT1010
DESCRIPTION
The ZXCT1010 is a high side current sense monitor.
Using this device eliminates the need to disrupt the
ground plane when sensing a load current.
It is an enhanced version of the ZXCT1009 offering
reduced typical output offset and improved accuracy
at low sense voltage.
The wide input voltage range of 20V down to as low as
2.5V make it suitable for a range of applications. A
minimum operating current of just 4µA, combined
with its SOT23-5 package make suitable for portable
battery equipment.
FEATURES
• Low cost, accurate high-side current sensing
• Output voltage scaling
• Up to 2.5V sense voltage
• 2.5V – 20V supply range
• 300nA typical offset current
• 3.5µA quiescent current
• 1% typical accuracy
• SOT23 -5 package
APPLICATIONS
• Battery chargers
• Smart battery packs
• DC motor control
• Over current monitor
• Power management
• Programmable current source
ENHANCED HIGH-SIDE CURRENT MONITOR
APPLICATION CIRCUIT
DEVICE
REEL
SIZE
TAPE
WIDTH
QUANTITY PER
REEL
ZXCT1010E5TA
7”
8mm
3,000 units
PARTMARK
101
PACKAGE
SOT23-5
ORDERING INFORMATION


Similar Part No. - ZXCT1010

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCT1010 ZETEX-ZXCT1010 Datasheet
304Kb / 8P
ENHANCED HIGH-SIDE CURRENT MONITOR
ZXCT1010 ZETEX-ZXCT1010 Datasheet
531Kb / 10P
Enhanced high-side current monitor
ZXCT1010E5 ZETEX-ZXCT1010E5 Datasheet
304Kb / 8P
ENHANCED HIGH-SIDE CURRENT MONITOR
ZXCT1010E5TA ZETEX-ZXCT1010E5TA Datasheet
531Kb / 10P
Enhanced high-side current monitor
ZXCT1010 ZETEX-ZXCT1010_06 Datasheet
531Kb / 10P
Enhanced high-side current monitor
More results

Similar Description - ZXCT1010

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCT1009 ZETEX-ZXCT1009 Datasheet
216Kb / 8P
HIGH-SIDE CURRENT MONITOR
ZXCT1010 ZETEX-ZXCT1010 Datasheet
304Kb / 8P
ENHANCED HIGH-SIDE CURRENT MONITOR
ZXCT1010 ZETEX-ZXCT1010_06 Datasheet
531Kb / 10P
Enhanced high-side current monitor
logo
Supertex, Inc
HV7801 SUTEX-HV7801 Datasheet
504Kb / 5P
High Side Current Monitor
logo
Agamem Microelectronic ...
AA1850 AGAMEM-AA1850 Datasheet
157Kb / 6P
HIGH-SIDE CURRENT MONITOR
logo
Diodes Incorporated
ZXCT1009 DIODES-ZXCT1009 Datasheet
248Kb / 9P
HIGH-SIDE CURRENT MONITOR
JULY 2007
logo
Unisonic Technologies
UCM102 UTC-UCM102 Datasheet
134Kb / 4P
HIGH-SIDE CURRENT MONITOR
UCM102 UTC-UCM102_15 Datasheet
134Kb / 4P
HIGH-SIDE CURRENT MONITOR
logo
IXYS Corporation
IXI848 IXYS-IXI848 Datasheet
235Kb / 5P
High-Side Current Monitor
IXI848A IXYS-IXI848A Datasheet
235Kb / 5P
High-Side Current Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com