Electronic Components Datasheet Search
  English  ▼

X  

ZXCT1012 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # ZXCT1012
Description  Reduced height micro-power current monitor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1012 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button ZXCT1012 Datasheet HTML 2Page - Diodes Incorporated ZXCT1012 Datasheet HTML 3Page - Diodes Incorporated ZXCT1012 Datasheet HTML 4Page - Diodes Incorporated ZXCT1012 Datasheet HTML 5Page - Diodes Incorporated ZXCT1012 Datasheet HTML 6Page - Diodes Incorporated ZXCT1012 Datasheet HTML 7Page - Diodes Incorporated ZXCT1012 Datasheet HTML 8Page - Diodes Incorporated ZXCT1012 Datasheet HTML 9Page - Diodes Incorporated ZXCT1012 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
ZXCT1012
Issue 1 - December 2006
7
www.zetex.com
© Zetex Semiconductors plc 2006
Power dissipation
The maximum allowable power dissipation of the device for normal operation (PMAX), is a
function of the package junction to ambient thermal resistance ( JA), maximum junction
temperature (TJMAX), and ambient temperature (Tamb), according to the expression:
PMAX = (TJMAX – Tamb) / JA
The device power dissipation, PD is given by the expression:
PD=IOUT.(VIN-VOUT) watts
Care must be taken when using this device at large input voltages and large sense voltages to
prevent too much power dissipation.
VIN
= 20V
VSENSE = 2.5V
ROUT
= 100
IOUT
= 2.5 x 0.01
= 25mA
VOUT
= IOUT x ROUT
= 25mA x 100
= 2.5V
∴ P
D
= 25mA (20 - 2.5)V
= 438mW
Power Dissipation
0
100
200
300
400
500
600
0
255075
100
125
150
TA - Ambient temperature (°C)
TDFN3x3-5
TSOT23-5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com