Electronic Components Datasheet Search
  English  ▼

X  

ZXCT1023 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXCT1023
Description  MICROPOWER FIXED GAIN OF 50 CURRENT MONITOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1023 Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXCT1023 Datasheet HTML 1Page - Diodes Incorporated ZXCT1023 Datasheet HTML 2Page - Diodes Incorporated ZXCT1023 Datasheet HTML 3Page - Diodes Incorporated ZXCT1023 Datasheet HTML 4Page - Diodes Incorporated ZXCT1023 Datasheet HTML 5Page - Diodes Incorporated ZXCT1023 Datasheet HTML 6Page - Diodes Incorporated ZXCT1023 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ZXCT1023
MICROPOWER FIXED GAIN OF 50 CURRENT MONITOR
ZXCT1023
Rev. 2
4 of 7
www.diodes.com
October 2009
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Typical AC characteristics
Small signal frequency response
Power supply rejection ratio
Large signal pulse response 20mV
Large signal pulse response 50mV
Small signal positive pulse response
Small signal negative pulse response
Pin out information
Pin No.
Name
Pin Function
1
OUT
Voltage output. The output voltage is referenced to GND.
The overall voltage gain is 50, i.e.,
VOUT = 50 x VSENSE where VSENSE = VS+ - VS-
2
GND
Ground and substrate connection of device.
3
S-
High impedance negative sense voltage input
4
S+
Positive sense input. Also acts as power supply pin to ZXCT1023
Central Paddle
Substrate. Connect to GND.
-20
-10
0
10
20
30
40
10E+0
100E+0
1E+3
10E+3
100E+3
1E+6
10E+6
frequency (Hz)
VSENSE = 50mV
VSENSE = 10mV
VS+=3.6V
TA =25°C
TA = 25°C
VSENSE = 50mV
0
10
20
30
40
50
60
70
0.01
0.1
1
10
100
1000
Frequency (kHz)
VS+ = 10V
VS+ =
-5
0
5
10
15
20
25
0
50
100
150
200
250
300
Time (µs)
-0.2
0
0.2
0.4
0.6
0.8
1
1.2
Input
Output
VS+=3.6V, TA = 25°C
VSENSE = 20mV
l
-10
0
10
20
30
40
50
60
0
50
100
150
200
Time (µs)
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Input
Output
VS+=3.6V, TA = 25°C
VSENSE = 50mV
l
49
50
51
52
53
54
55
56
0
50
100
150
200
time (µs)
2.45
2.50
2.55
2.60
2.65
2.70
2.75
2.80
Input
Output
VS+=3.6V, TA =25°C
VSENSE = 50mV(DC) + 5mV
l
44
45
46
47
48
49
50
51
0
25
50
75
100
125
150
time (µs)
2.20
2.25
2.30
2.35
2.40
2.45
2.50
2.55
Input
Output
VS+=3.6V, TA =25°C
VSENSE = 50mV(DC) - 5mV pulse



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com