Electronic Components Datasheet Search
  English  ▼

X  

ZXCT1050 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZXCT1050
Description  Precision wide input range current monitor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1050 Datasheet(HTML) 5 Page - Diodes Incorporated

  ZXCT1050 Datasheet HTML 1Page - Diodes Incorporated ZXCT1050 Datasheet HTML 2Page - Diodes Incorporated ZXCT1050 Datasheet HTML 3Page - Diodes Incorporated ZXCT1050 Datasheet HTML 4Page - Diodes Incorporated ZXCT1050 Datasheet HTML 5Page - Diodes Incorporated ZXCT1050 Datasheet HTML 6Page - Diodes Incorporated ZXCT1050 Datasheet HTML 7Page - Diodes Incorporated ZXCT1050 Datasheet HTML 8Page - Diodes Incorporated ZXCT1050 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ZXCT1050
Issue 1 - June 2007
5
www.zetex.com
© Zetex Semiconductors plc 2007
Typical characteristics
RG = 3.75k , RSH = 7.5k unless otherwise stated.
1E-3
0.01
0.1
10m
100m
1
-20
-15
-10
-5
0
5
10
15
20
900
950
1000
1050
1100
0
50m
100m
150m
9.9
10.0
10.1
0
2
4
6
8
10 1214 1618 20
-8
-6
-4
-2
0
2
4
6
8
10
12
14
16
18
0
5
10
15
20
-12
-8
-4
0
4
8
12
-40 -20
0
20
40
60
80 100 120
-5
0
5
10
V
OUT
v Load Current
μ
Incremental Gain v Sense Voltage
Common Mode Characteristic
Supply Characteristic
Temperature Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com