Electronic Components Datasheet Search
  English  ▼

X  

ZXGD3002E6 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXGD3002E6
Description  9A(peak) Gate driver in SOT23-6
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXGD3002E6 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXGD3002E6 Datasheet HTML 1Page - Diodes Incorporated ZXGD3002E6 Datasheet HTML 2Page - Diodes Incorporated ZXGD3002E6 Datasheet HTML 3Page - Diodes Incorporated ZXGD3002E6 Datasheet HTML 4Page - Diodes Incorporated ZXGD3002E6 Datasheet HTML 5Page - Diodes Incorporated ZXGD3002E6 Datasheet HTML 6Page - Diodes Incorporated ZXGD3002E6 Datasheet HTML 7Page - Diodes Incorporated ZXGD3002E6 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ZXGD3002E6
Issue 1 - October 2007
2
www.zetex.com
© Zetex Semiconductors plc 2007
Applications
Power MOSFET and IGBT Gate Driving in
•
Synchronous switch-mode power supplies
•
Secondary side synchronous rectification
•
Plasma Display Panel power modules
•
1, 2 and 3-phase motor control circuits
•
Audio switching amplifier power output stages
Pin configuration
Ordering information
Device marking
3002
Pin
Name
Pin Function
VCC
Driver supply
IN1 / IN2
Driver input pins. These are normally
connected together by circuit tracks
GND
Ground
SOURCE
Source current output
SINK
Sink current output
DEVICE
Reel size
(inches)
Tape width
(mm)
Quantity
per reel
ZXGD3002E6TA
7
8 embossed
3000
V
CC
IN
1
GND
SOT236
Top view
SOURCE
IN
2
SINK



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com