Electronic Components Datasheet Search
  English  ▼

X  

AH182 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AH182
Description  LOW POWER HALL EFFECT SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH182 Datasheet(HTML) 2 Page - Diodes Incorporated

  AH182 Datasheet HTML 1Page - Diodes Incorporated AH182 Datasheet HTML 2Page - Diodes Incorporated AH182 Datasheet HTML 3Page - Diodes Incorporated AH182 Datasheet HTML 4Page - Diodes Incorporated AH182 Datasheet HTML 5Page - Diodes Incorporated AH182 Datasheet HTML 6Page - Diodes Incorporated AH182 Datasheet HTML 7Page - Diodes Incorporated AH182 Datasheet HTML 8Page - Diodes Incorporated AH182 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AH182/AH183
LOW POWER HALL EFFECT SWITCH
AH182/AH183 Rev. 8
2 of 10
NOVEMBER 2009
DS31024
www.diodes.com
© Diodes Incorporated
AH182 / AH183 - X X - X
Packing
W : SC59
Package
Lead Free
L : Lead Free
CMOS Hall-effect Switch
B : Bulk (Note 4)
7 : Tape & Reel
A : Ammo Box (Note 3)
P : SIP-3L
G : Green
Device
Package
Code
Packaging
(Note 2)
Bulk
7” Tape and Reel
Ammo Box
Quantity
Part
Number
Suffix
Quantity
Part
Number
Suffix
Quantity
Part
Number
Suffix
AH182/AH183-PL-A
P
SIP-3L
NA
NA
NA
NA
4000/Box
-A
AH182/AH183-PL-B
P
SIP-3L
1000
-B
NA
NA
NA
NA
AH182/AH183-PG-A
P
SIP-3L
NA
NA
NA
NA
4000/Box
-A
AH182/AH183-PG-B
P
SIP-3L
1000
-B
NA
NA
NA
NA
AH182/AH183-WL-7
W
SC59
NA
NA
3000/Tape & Reel
-7
NA
NA
AH182/AH183-WG-7
W
SC59
NA
NA
3000/Tape & Reel
-7
NA
NA
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
3. Ammo Box is for SIP-3L Spread Lead.
4. Bulk is for SIP-3L Straight Lead.
(1) SIP-3L
(2) SC59 (Commonly known as SOT23 in Asia)
1. Vdd
2. GND
3.
(Top view)
Output
1. Vdd
GND 2.
3. Output
(Top view)
Ordering Information
Pin Assignments
Pin Description
Pin Name
P/I/O
Pin #
Description
Vdd
P/I
1
Power Supply Input
GND
P
2
Ground
Output
O
3
Output Pin



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com