Electronic Components Datasheet Search
  English  ▼

X  

AH276Q Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AH276Q
Description  COMPLEMENTARY OUTPUT HALL EFFECT LATCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH276Q Datasheet(HTML) 3 Page - Diodes Incorporated

  AH276Q Datasheet HTML 1Page - Diodes Incorporated AH276Q Datasheet HTML 2Page - Diodes Incorporated AH276Q Datasheet HTML 3Page - Diodes Incorporated AH276Q Datasheet HTML 4Page - Diodes Incorporated AH276Q Datasheet HTML 5Page - Diodes Incorporated AH276Q Datasheet HTML 6Page - Diodes Incorporated AH276Q Datasheet HTML 7Page - Diodes Incorporated AH276Q Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AH276Q
COMPLEMENTARY OUTPUT HALL EFFECT LATCH
AH276Q Rev. 5
3 of 8
NOVEMBER 2009
DS31066
www.diodes.com
© Diodes Incorporated
Typical Application Circuit
12
4
3
276
1uF/25V
12V
Brush-less DC Fan
Absolute Maximum Ratings
(@ TA=25°C)
Symbol
Characteristics
Rating
Unit
VCC
Supply Voltage
20
V
VRCC
Reverse VCC Polarity Voltage
-20
V
B
Magnetic Flux Density
Unlimited
Io
Output “on” current
(Note 4)
Continuous
0.4
A
Hold
0.5
Peak (Start Up)
0.7
Ts
Storage Temperature Range
-65~+150
°C
PD
Package Power Dissipation (SIP-4L)
550
mW
TJ
Maximum Junction Temperature
150
°C
θ
JC
Thermal Resistance (SIP-4L)
227
°C/W
Notes:
4. PD shall be within Safety Operation Area.
TJ
TA
JA
JC
Tc
θ
θ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com